Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45198T4157M106 Datasheet(PDF) 11 Page - Kemet Corporation

Part # B45198T4157M106
Description  Tantalum chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198T4157M106 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button B45198T4157M106 Datasheet HTML 5Page - Kemet Corporation B45198T4157M106 Datasheet HTML 6Page - Kemet Corporation B45198T4157M106 Datasheet HTML 7Page - Kemet Corporation B45198T4157M106 Datasheet HTML 8Page - Kemet Corporation B45198T4157M106 Datasheet HTML 9Page - Kemet Corporation B45198T4157M106 Datasheet HTML 10Page - Kemet Corporation B45198T4157M106 Datasheet HTML 11Page - Kemet Corporation B45198T4157M106 Datasheet HTML 12Page - Kemet Corporation B45198T4157M106 Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Cautions and warnings
When using tantalum capacitors with a manganese dioxide coating, the following cautions and
warnings should be taken into account:
Polarity
Because tantalum capacitors are polar capacitors, it is important to observe their polarity
markings (positive pole on the anode, negative pole on the cathode). Any incorrect polarity
resulting from the sum of the AC and DC voltage components must be smaller than or equal to
the permitted polarity reversal voltage. To avoid reducing their reliability, this voltage may only
occur for a short time, at most five times for a duration of one minute per hour.
Voltage
The maximum continuous voltage depends on the ambient temperature. Within the temperature
range of
55 to +85
°C, the rated voltage is equal to the maximum continuous voltage. Between
+ 85 and + 125
°C the maximum continuous voltage must be reduced linearly from the full rated
voltage to 2/3 of it (derating). At 150
°C (only B4519*P series) the voltage must be reduced to 1/2
and at 175
°C (only B4519*T series) to 1/3 of the rated voltage. Operation below the maximum
continuous voltage has a positive effect on the capacitor’s failure rate. The maximum continuous
voltage must not be exceeded
.
All unfavourable operating conditions (such as possible line overvoltages, unfavourable
tolerances of the transformation ratio of the line transformer in the equipment, repeated
overvoltages when the equipment is switched on, high ambient temperatures) must be taken into
account when determining the operating voltage.
The surge voltage is the maximum voltage (peak value) that may be applied to the capacitor for
short periods, at most five times for a total duration of up to 1 minute per hour. The surge voltage
must not be applied for periodic charging and discharging in the course of normal operation and
cannot be part of the operating voltage. The permissible surge voltage for all capacitors in this
data book is 1.3 x the rated voltage. The occurrence of voltage impulses (transient voltages) that
exceed the surge voltage may lead to irreparable damage.
Capacitance
The actual capacitance of a capacitor can deviate from the rated capacitance by as much as the
full magnitude of the tolerance at delivery. The capacitance varies with the temperature (at
+125
°C +12% up to +20%) and decreases with increasing frequency.
Tantalum chip capacitors
B45196T, B45198T
Performance, High Temperature 175
°C
Page 11 of 13
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45198T4157M106

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198E EPCOS-B45198E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Kemet Corporation
B45198E KEMET-B45198E Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45198E KEMET-B45198E Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45198E1225J106 EPCOS-B45198E1225J106 Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
B45198E1225J109 EPCOS-B45198E1225J109 Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
More results

Similar Description - B45198T4157M106

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com