Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM1200E Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RM1200E
Description  500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RM1200E Datasheet(HTML) 1 Page - Micro Commercial Components

  RM1200E Datasheet HTML 1Page - Micro Commercial Components RM1200E Datasheet HTML 2Page - Micro Commercial Components RM1200E Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM1200E
THRU
RM2000E
500 Milliamp
High Voltage
Silicon Rectifier
1200 to 2000 Volts
Features
Low Cost
Low Leakage
Low Forward Voltage Drop
High Current Capability
High Voltage
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RM1200E
1200V
840V
1200V
RM1500E
1500V
1050V
1500V
RM1800E
1800V
1260V
1800V
RM2000E
2000V
1400V
2000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
500mA
TA = 50
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
RM1200E-RM1800E
RM2000E
VF
2.0V
3.0V
IFM = 0.5A;
TA = 50
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 1
2007/01/26
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
www.mccsemi.com
1 of 3
RM12
RM15
RM18
RM20
DO-214AC
(SMAE)
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.01
2.44
B
.050
.075
1.27
1.90
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
G
.189
.208
4.80
5.30
H
.157
.180
4.00
4.57
J
.090
.115
2.29
2.92


Similar Part No. - RM1200E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RM1200E MCC-RM1200E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E_11 Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E_15 Datasheet
265Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM1200E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R1200 MCC-R1200_11 Datasheet
366Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E_15 Datasheet
265Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200 MCC-R1200_13 Datasheet
251Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E_11 Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200 MCC-R1200 Datasheet
72Kb / 2P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM2000E-TP MCC-RM2000E-TP Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200F MCC-R1200F Datasheet
72Kb / 2P
   500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
R1200F MCC-R1200F_11 Datasheet
219Kb / 3P
   500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
R2000F-TP MCC-R2000F-TP Datasheet
219Kb / 3P
   500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
logo
Shanghai Lunsure Electr...
R1200 CHENYI-R1200 Datasheet
42Kb / 2P
   500Milliamp high voltage silicon rectifier 1200 to 2000 volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com