Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT0301 Datasheet(PDF) 4 Page - Comchip Technology

Part # RT0301
Description  CMOS Design for Door Bell application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RT0301 Datasheet(HTML) 4 Page - Comchip Technology

  RT0301 Datasheet HTML 1Page - Comchip Technology RT0301 Datasheet HTML 2Page - Comchip Technology RT0301 Datasheet HTML 3Page - Comchip Technology RT0301 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8L P-DIP (300 mil ) Dimension:
Symbol
Dimension in inch
Dimension in mm
Min
Typ
Max
Min
Typ
Max
A
-
-
0.210
-
-
5.33
A1
0.010
-
-
0.25
-
-
A2
0.124
0.130
0.136
3.15
3.30
3.45
B
0.013
0.018
0.023
0.33
0.46
0.58
B1
0.045
0.060
0.075
1.14
1.52
1.91
c
0.005
0.010
0.015
0.13
0.25
0.38
D
0.340
0.360
0.380
8.64
9.14
9.65
E
0.275
0.300
0.325
6.99
7.62
8.26
E1
0.240
0.250
0.260
6.10
6.35
6.60
e1
0.090
0.100
0.110
2.29
2.54
2.79
L
0.120
0.130
0.140
3.05
3.30
3.56
a
0
-
15
0
-
15
eA
0.330
0.355
0.380
8.38
9.02
9.65
S
0.015
0.030
0.045
0.38
0.76
1.44
NOTE: 1. Controlling dimension : Inch
2. General appearance spec. should be based on final visual inspection spec.


Similar Part No. - RT0301

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
RT032037SN FPE-RT032037SN Datasheet
485Kb / 1P
   RF Transformer
REV A
RT035013DN FPE-RT035013DN Datasheet
438Kb / 1P
   RF Transformer
REV A
More results

Similar Description - RT0301

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2811 HOLTEK-HT2811 Datasheet
351Kb / 4P
   DING DONG FOR DOOR BELL
logo
MOSDESIGN SEMICONDUCTOR...
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
   DOOR BELL DUAL TONE
2001-09-07
logo
List of Unclassifed Man...
M602 ETC1-M602 Datasheet
102Kb / 1P
   DOOR BELL DUAL TONE
M581 ETC-M581 Datasheet
109Kb / 1P
   DING-DONG DOOR BELL
logo
MOSDESIGN SEMICONDUCTOR...
M60 MOSDESIGN-M60 Datasheet
101Kb / 2P
   DOOR BELL DUAL TONE
2011-05-27
logo
List of Unclassifed Man...
M2630 ETC1-M2630 Datasheet
134Kb / 1P
   SECURITY CODE WIRELESS DOOR BELL
M1D-95 ETC-M1D-95 Datasheet
190Kb / 3P
   DUAL TONE WIRELESS DOOR BELL
M3D-95 ETC-M3D-95 Datasheet
135Kb / 2P
   3 STATE DUAL TONES WIRELESS DOOR BELL
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com