Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1620 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MUR1620
Description  16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MUR1620 Datasheet(HTML) 1 Page - Micro Commercial Components

  MUR1620 Datasheet HTML 1Page - Micro Commercial Components MUR1620 Datasheet HTML 2Page - Micro Commercial Components MUR1620 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MUR1605
THRU
MUR1660
16 Amp Super Fast
Glass Passivated
Rectifier
Features
Maximum Ratings
Operating Temperature: -
55°C to +155°C
Storage Temperature: -
55°C to +155°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MUR1
605
MUR1
605
50V
35V
50V
MUR1
610
MUR1
610
100V
70V
100V
MUR1
620
MUR1
620
200V
140V
200V
MUR1
640
MUR1
640
400V
280V
400V
DIMENSIONS
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1
6.0A
TC =
110°C
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10u A
250uA
TJ = 25
°C
TJ = 100
°C
Glass passivated chip
Super fast switching time for hight efficiency
Low reverse leakage current
High surge capacity
1505-15
30
1540-1560
A
B
K
J
I
G
F
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12

INCHES
MM






TO-220AC
TJ = 25
°C
1
640-1650
1
660
1.3V
1.5 V
IFM =1
6A
Trr
IF=0.5A, Ir=1.0A,
Irr=0.25A
Typical Junction
Capacitance
C J
6
5pF
Measured at
1.0MHz, VR=4.0V
35ns
60ns
Maximum Reverse
Recovery Time
50 to 600 Volts
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: 1
2007/04/24
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
MUR1
630
MUR1
630
300V
2
10V
300V
1
605- 1630
VF
0.975V
A
0.587
0.594
14.90
15.10
B
-------
0.412
-------
10.50
D
0.23
0.27
5.84
6.86
F
0.14
0.16
3.56
4.06
G
0.53
0.56
13.46
14.22
H
0.195
0.205
4.95
5.20
I
0.027
0.037
0.68
0.94
J
0.014
0.025
0.35
0.64
K
0.148
0.154
3.74
3.91
L
0.175
0.185
4.44
4.70
M
0.045
0.055
1.14
1.40
N
0.10
0.11
0.35
0.64


Similar Part No. - MUR1620

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR1620 DACHANG-MUR1620 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
logo
Kersemi Electronic Co.,...
MUR1620 KERSEMI-MUR1620 Datasheet
815Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier
MUR1620 KERSEMI-MUR1620 Datasheet
816Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1620 KERSEMI-MUR1620 Datasheet
817Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1620 KERSEMI-MUR1620 Datasheet
814Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results

Similar Description - MUR1620

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605 MCC-MUR1605_16 Datasheet
600Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605CT MCC-MUR1605CT_16 Datasheet
425Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610 KERSEMI-MUR1610 Datasheet
816Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1620 KERSEMI-MUR1620 Datasheet
817Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1640 KERSEMI-MUR1640 Datasheet
814Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
   15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
MURH805CT MCC-MURH805CT Datasheet
150Kb / 2P
   8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1505 KERSEMI-MUR1505 Datasheet
945Kb / 2P
   15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR610CT KERSEMI-MUR610CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com