Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPD1E24V Datasheet(PDF) 2 Page - Comchip Technology

Part # CPD1E24V
Description  Bidirectional ESD / Transient Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPD1E24V Datasheet(HTML) 2 Page - Comchip Technology

  CPD1E24V Datasheet HTML 1Page - Comchip Technology CPD1E24V Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bidirectional ESD Suppressor
Specifications:
( Ta = 25
oC )
36V Characteristic PRELIMINARY
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
38
40
V
IF = 1 ma
IL
Leakage current
0.1
2.0
uA
36v
CT
Capacitance
5
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 40
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
15
A
8 / 20 us
24V Characteristic (CAN bus)
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
25
28
V
IF = 1 ma
IL
Leakage current
0.1
2.0
uA
24v
CT
Capacitance
10
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 25
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
15
A
8 / 20 us
12V Characteristic PRELIMINARY
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
14
17
V
IF = 1 ma
IL
Leakage current
0.1
2.0
uA
12v
CT
Capacitance
12
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 17
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
15
A
8 / 20 us
5V0 Characteristic
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
5.1
7.0
V
IF = 1 ma
IL
Leakage current
+0.1
+ 2.0
uA
5v
CT
Capacitance
15
20
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 7.0
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
5.1
A
8 / 20 us
* one diode conducting
Ordering Information:
CPD
36V
Type
Package Code
Code from
Dimensions Table
Voltage
CPD
5V0
12V
24V
36V
1E / U


Similar Part No. - CPD1E24V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD102X-1N5711 CENTRAL-CPD102X-1N5711 Datasheet
527Kb / 4P
   Schottky Diode Die 15mA, 70 Volt
R0 28-November 2017
CPD102X-6263E-CT CENTRAL-CPD102X-6263E-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CPD102X-6263E-CT CENTRAL-CPD102X-6263E-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
CPD102X-CMPD6263 CENTRAL-CPD102X-CMPD6263 Datasheet
550Kb / 4P
   Schottky Diode Die 15 mA, 70 Volt
R0 12-February 2016
More results

Similar Description - CPD1E24V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEAS035V0-G COMCHIP-CEAS035V0-G Datasheet
149Kb / 2P
   Bidirectional ESD / Transient Suppressor
logo
NXP Semiconductors
BZA408B NXP-BZA408B Datasheet
136Kb / 9P
   Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
Nexperia B.V. All right...
BZA408B NEXPERIA-BZA408B Datasheet
306Kb / 10P
   Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
Comchip Technology
CLCS145V0-G COMCHIP-CLCS145V0-G Datasheet
52Kb / 1P
   Low Capacitance Bidirectional ESD / Transient Suppressor
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B Datasheet
74Kb / 12P
   Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
BZA408B PHILIPS-BZA408B_15 Datasheet
136Kb / 9P
   Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
New Jersey Semi-Conduct...
1N6058A NJSEMI-1N6058A Datasheet
85Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
EIC discrete Semiconduc...
BZW06-5V8B EIC-BZW06-5V8B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
New Jersey Semi-Conduct...
1N6054A NJSEMI-1N6054A Datasheet
88Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6052 NJSEMI-1N6052 Datasheet
74Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com