Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXTA92 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PXTA92
Description  PNP high-voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXTA92 Datasheet(HTML) 3 Page - NXP Semiconductors

  PXTA92 Datasheet HTML 1Page - NXP Semiconductors PXTA92 Datasheet HTML 2Page - NXP Semiconductors PXTA92 Datasheet HTML 3Page - NXP Semiconductors PXTA92 Datasheet HTML 4Page - NXP Semiconductors PXTA92 Datasheet HTML 5Page - NXP Semiconductors PXTA92 Datasheet HTML 6Page - NXP Semiconductors PXTA92 Datasheet HTML 7Page - NXP Semiconductors PXTA92 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 29
3
Philips Semiconductors
Product specification
PNP high-voltage transistor
PXTA92
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2.
For other mounting conditions, see
“Thermal considerations for SOT89 in the General Part of associated Handbook”.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
96
K/W
Rth j-s
thermal resistance from junction to soldering point
16
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −200 V
−−250
nA
IEBO
emitter cut-off current
IC = 0; VBE = −3V
−−100
nA
hFE
DC current gain
VCE = −10 V; note 1
IC = −1mA
25
IC = −10 mA
40
IC = −30 mA
25
VCEsat
collector-emitter saturation voltage
IC = −20 mA; IB = −2mA
−−500
mV
VBEsat
base-emitter saturation voltage
IC = −20 mA; IB = −2mA
−900
mV
Cc
collector capacitance
IE =ie = 0; VCB = −20 V;
f = 1 MHz
6pF
fT
transition frequency
IC = −10 mA; VCE = −20 V;
f = 100 MHz
50
MHz


Similar Part No. - PXTA92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXTA92 NXP-PXTA92 Datasheet
107Kb / 6P
   PNP high-voltage transistor
2004 Dec 09
logo
Nexperia B.V. All right...
PXTA92 NEXPERIA-PXTA92 Datasheet
676Kb / 9P
   300 V, 100 mA PNP high-voltage transistor
Rev. 6 - 27 September 2011
More results

Similar Description - PXTA92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
   PNP high-voltage transistor
1997 Apr 22
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
   PNP high-voltage transistor
1997 Apr 18
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Guilin Strong Micro-Ele...
GMBTA94 GSME-GMBTA94 Datasheet
333Kb / 2P
   PNP High Voltage Transistor
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
   High Voltage PNP Transistor
logo
Nexperia B.V. All right...
BSS63-Q NEXPERIA-BSS63-Q Datasheet
180Kb / 7P
   PNP high-voltage transistor
10 June 2022
BSS63 NEXPERIA-BSS63 Datasheet
286Kb / 7P
   PNP high-voltage transistor
2004 Jan 16
PMSTA92 NEXPERIA-PMSTA92 Datasheet
186Kb / 8P
   PNP high-voltage transistor
16 May 2019
logo
NXP Semiconductors
BSP16 PHILIPS-BSP16 Datasheet
42Kb / 8P
   PNP high-voltage transistor
1999 Apr 28
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com