Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45396R3477K506 Datasheet(PDF) 7 Page - Kemet Corporation

Part # B45396R3477K506
Description  Multiple Anode, Ultra-low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45396R3477K506 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button B45396R3477K506 Datasheet HTML 3Page - Kemet Corporation B45396R3477K506 Datasheet HTML 4Page - Kemet Corporation B45396R3477K506 Datasheet HTML 5Page - Kemet Corporation B45396R3477K506 Datasheet HTML 6Page - Kemet Corporation B45396R3477K506 Datasheet HTML 7Page - Kemet Corporation B45396R3477K506 Datasheet HTML 8Page - Kemet Corporation B45396R3477K506 Datasheet HTML 9Page - Kemet Corporation B45396R3477K506 Datasheet HTML 10Page - Kemet Corporation B45396R3477K506 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ordering code structure
B45
396R
1
477
+
5
0
*
Tantalum
capacitor
Series
396R = Multiple Anode,
Ultra-low ESR; tinned terminals
Rated voltage
0 = 4 V, 1 = 6.3 V, 2 = 10 V, 3 = 16 V, 4 = 20 V,
5 = 25 V, 6 = 35 V, 7 = 50 V
Rated capacitance + exponent
C [pF]
10x
E.g.: 686 = 68 pF
106 = 68
µF, 157 = 15 pF 107 = 150 µF
Capacitance tolerance
M =
±20%, K = ±10%
Case size
5 = E
ESR quality
9 = standard quality
0 = premium quality
Reel diameter
9 = 180 mm, 6 = 330 mm
Tantalum chip capacitors
B45396R
Multiple Anode, Ultra-low ESR
Page 7 of 12
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45396R3477K506

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45396R3477K506

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45496R9687M509 EPCOS-B45496R9687M509 Datasheet
180Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
B45496 EPCOS-B45496 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
logo
Kemet Corporation
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
logo
List of Unclassifed Man...
B45396 ETC1-B45396 Datasheet
210Kb / 3P
   Tantalum Multiple Anode
logo
Nichicon corporation
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
   Ultra-low ESR
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Vishay Siliconix
597D VISHAY-597D Datasheet
449Kb / 2P
   Tantamount짰 Multi-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
Revision: 04-Aug-04
logo
Kemet Corporation
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com