Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGRM4002-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CGRM4002-G
Description  SMD General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRM4002-G Datasheet(HTML) 1 Page - Comchip Technology

  CGRM4002-G Datasheet HTML 1Page - Comchip Technology CGRM4002-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
www.comchiptech.com
Case: Mini SMA/SOD-123 molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Approx. Weight: 0.04 gram
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
Flammability classification 94V-0
Exceeds environmental standard MIL-S-19500/228
Low leakage current
Features:
Glass Passivated Type
Reverse Voltage: 50~1000 Volts
Forward Current: 1.0 Amp
CGRM4001-G Thru CGRM4007-G (RoHS Device)
SMD General Purpose Rectifier
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
T j
TSTG
Unit
V
V
V
A
A
V
uA
CGRM
4001-G
CGRM
4002-G
50
50
35
1000
1000
700
600
600
420
400
400
280
100
100
70
30
1.0
1.1
-55 to +150
60
5
50
-55 to +150
CGRM
4007-G
CGRM
4006-G
CGRM
4005-G
CGRM
4004-G
CGRM
4003-G
800
800
560
200
200
140
C/W
C
C
C
C
Note 1: Thermal resistance from junction to ambient.
“-G” suffix designates RoHS compliant version.
0.146(3.70)
0.012(0.30)Typ.
0.071(1.80)
0.055(1.40)
0.110(2.80)
0.094(2.40)
0.063(1.60)
0.055(1.40)
0.035(0.90)Typ.
0.035(0.90)Typ.
Dimensions in inches and (millimeter)
0.161(4.10)
Mini SMA


Similar Part No. - CGRM4002-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRM4002-G COMCHIP-CGRM4002-G Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
More results

Similar Description - CGRM4002-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF15005S-G COMCHIP-DF15005S-G Datasheet
51Kb / 2P
   SMD General Purpose Bridge Rectifier
B05S-HF COMCHIP-B05S-HF Datasheet
78Kb / 4P
   SMD General Purpose Bridge Rectifier Diode
B05S-G COMCHIP-B05S-G_12 Datasheet
102Kb / 4P
   SMD General Purpose Bridge Rectifier Diode
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com