Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45396R0477K506 Datasheet(PDF) 8 Page - Kemet Corporation

Part # B45396R0477K506
Description  Multiple Anode, Ultra-low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45396R0477K506 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button B45396R0477K506 Datasheet HTML 4Page - Kemet Corporation B45396R0477K506 Datasheet HTML 5Page - Kemet Corporation B45396R0477K506 Datasheet HTML 6Page - Kemet Corporation B45396R0477K506 Datasheet HTML 7Page - Kemet Corporation B45396R0477K506 Datasheet HTML 8Page - Kemet Corporation B45396R0477K506 Datasheet HTML 9Page - Kemet Corporation B45396R0477K506 Datasheet HTML 10Page - Kemet Corporation B45396R0477K506 Datasheet HTML 11Page - Kemet Corporation B45396R0477K506 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1) Other values upon request
Technical data and ordering codes
CR
(20
°C,
120 Hz)
µF
Case size
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
ESRmax1)
(20
°C,
100 kHz)
m
IAC,max
(20
°C,
100 kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
VR (up to 85
°C) = 4 VDC, V
R (up to 125
°C) = 2.5 VDC
680
E
6
27
30
3.0
B45396R0687+50*
680
E
6
27
35
2.8
B45396R0687+59*
1000
E
6
40
30
3.0
B45396R0108+50*
1000
E
6
40
35
2.8
B45396R0108+59*
VR (up to 85
°C) = 6.3 VDC, V
R (up to 125
°C) = 4 VDC
470
E
6
30
30
3.0
B45396R1477+50*
470
E
6
30
35
2.8
B45396R1477+59*
680
E
6
43
30
3.0
B45396R1687+50* q
680
E
6
43
35
2.8
B45396R1687+59* q
VR (up to 85
°C) = 10 VDC, V
R (up to 125
°C) = 6.3 VDC
330
E
6
33
35
2.8
B45396R2337+50*
330
E
6
33
40
2.6
B45396R2337+59*
470
E
6
47
35
2.8
B45396R2477+50* q
470
E
6
47
40
2.6
B45396R2477+59* q
VR (up to 85
°C) = 16 VDC, V
R (up to 125
°C) = 10 VDC
150
E
6
24
40
2.6
B45396R3157+50*
150
E
6
24
45
2.4
B45396R3157+59*
220
E
6
35
40
2.6
B45396R3227+50*
220
E
6
35
45
2.4
B45396R3227+59*
VR (up to 85
°C) = 20 VDC, V
R (up to 125
°C) = 13 VDC
68
E
6
14
45
2.4
B45396R4686+50*
68
E
6
14
55
2.2
B45396R4686+59*
100
E
6
20
45
2.4
B45396R4107+50*
100
E
6
20
55
2.2
B45396R4107+59*
VR (up to 85
°C) = 25 VDC, V
R (up to 125
°C) = 16 VDC
47
E
6
12
45
2.4
B45396R5476+50* q
47
E
6
12
55
2.2
B45396R5476+59* q
68
E
6
17
45
2.4
B45396R5686+50* q
68
E
6
17
55
2.2
B45396R5686+59* q
VR (up to 85
°C) = 35 VDC, V
R (up to 125
°C) = 23 VDC
Tantalum chip capacitors
B45396R
Multiple Anode, Ultra-low ESR
Page 8 of 12
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45396R0477K506

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45396R0477K506

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45496R9687M509 EPCOS-B45496R9687M509 Datasheet
180Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
B45496 EPCOS-B45496 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
logo
Kemet Corporation
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
logo
List of Unclassifed Man...
B45396 ETC1-B45396 Datasheet
210Kb / 3P
   Tantalum Multiple Anode
logo
Nichicon corporation
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
   Ultra-low ESR
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Vishay Siliconix
597D VISHAY-597D Datasheet
449Kb / 2P
   Tantamount짰 Multi-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
Revision: 04-Aug-04
logo
Kemet Corporation
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com