Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMPC860SRZQ80D4 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # KMPC860SRZQ80D4
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860SRZQ80D4 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button KMPC860SRZQ80D4 Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
8
Freescale Semiconductor
DC Characteristics
6
DC Characteristics
Table 6 provides the DC electrical characteristics for the MPC860.
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage at 40 MHz or less
VDDH, VDDL, VDDSYN
3.0
3.6
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Operating voltage greater than 40 MHz
VDDH, VDDL, KAPWR,
VDDSYN
3.135
3.465
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Input high voltage (all inputs except EXTAL and
EXTCLK)
VIH
2.0
5.5
V
Input low voltage 1
1
VIL(max) for the I
2C interface is 0.8 V rather than the 1.5 V as specified in the I2C standard.
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7
× (VDDH) VDDH + 0.3
V
Input leakage current, Vin = 5.5 V (except TMS,
TRST, DSCK, and DSDI pins)
Iin
100
µA
Input leakage current, Vin = 3.6 V (except TMS,
TRST, DSCK, and DSDI pins)
IIn
10
µA
Input leakage current, Vin = 0 V (except TMS,
TRST, DSCK, and DSDI pins)
IIn
10
µA
Input capacitance 2
2
Input capacitance is periodically sampled.
Cin
20
pF
Output high voltage, IOH = –2.0 mA, VDDH = 3.0 V
(except XTAL, XFC, and open-drain pins)
VOH
2.4
V
Output low voltage
IOL = 2.0 mA, CLKOUT
IOL = 3.2 mA 3
IOL = 5.3 mA 4
IOL = 7.0 mA, TXD1/PA14, TXD2/PA12
IOL = 8.9 mA, TS, TA, TEA, BI, BB,
HRESET, SRESET
VOL
0.5
V


Similar Part No. - KMPC860SRZQ80D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
KMPC860SRZQ80D4 FREESCALE-KMPC860SRZQ80D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
More results

Similar Description - KMPC860SRZQ80D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com