Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLZ4V7C Datasheet(PDF) 3 Page - Micro Commercial Components

Part # LLZ4V7C
Description  500mW Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLZ4V7C Datasheet(HTML) 3 Page - Micro Commercial Components

  LLZ4V7C Datasheet HTML 1Page - Micro Commercial Components LLZ4V7C Datasheet HTML 2Page - Micro Commercial Components LLZ4V7C Datasheet HTML 3Page - Micro Commercial Components LLZ4V7C Datasheet HTML 4Page - Micro Commercial Components LLZ4V7C Datasheet HTML 5Page - Micro Commercial Components LLZ4V7C Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.mccsemi.com
Revision: 1
2005/12/22
MCC
LLZ2V4-LLZ56
TM
Micro Commercial Components
LLZ11
LLZ11A
-----
10.18
10.71
10
120
10
0.5
0.04
9.67
LLZ11B
-----
10.5
11.05
10
120
10
0.5
0.04
9.98
LLZ11C
-----
10.82
11.38
10
120
10
0.5
0.04
10.28
LLZ12
LLZ12A
-----
11.13
11.71
12
110
10
0.5
0.04
10.6
LLZ12B
-----
11.44
12.03
12
110
10
0.5
0.04
10.9
LLZ12C
-----
11.74
12.35
12
110
10
0.5
0.04
11.2
LLZ13
LLZ13A
-----
12.11
12.75
14
110
10
0.5
0.04
11.5
LLZ13B
-----
12.55
13.21
14
110
10
0.5
0.04
11.9
LLZ13C
-----
12.99
13.66
14
110
10
0.5
0.04
12.3
LLZ15
LLZ15A
-----
13.44
14.13
16
110
10
0.5
0.04
12.8
LLZ15B
-----
13.89
14.62
16
110
10
0.5
0.04
13.2
LLZ15C
-----
14.35
15.09
16
110
10
0.5
0.04
13.6
LLZ16
LLZ16A
-----
14.8
15.57
18
150
10
0.5
0.04
14.1
LLZ16B
-----
15.25
16.04
18
150
10
0.5
0.04
14.5
LLZ16C
-----
15.69
16.51
18
150
10
0.5
0.04
14.9
LLZ18
LLZ18A
-----
16.22
17.06
23
150
10
0.5
0.04
15.4
LLZ18B
-----
16.82
17.7
23
150
10
0.5
0.04
16
LLZ18C
-----
17.42
18.33
23
150
10
0.5
0.04
16.5
LLZ20
LLZ20A
-----
18.02
18.96
28
200
10
0.5
0.04
17.1
LLZ20B
-----
18.63
19.59
28
200
10
0.5
0.04
17.7
LLZ20C
-----
19.23
20.22
28
200
10
0.5
0.04
18.3
LLZ20D
-----
19.72
20.72
28
200
10
0.5
0.04
18.7
LLZ22
LLZ22A
-----
20.15
21.2
30
200
5
0.5
0.04
19.1
LLZ22B
-----
20.64
21.71
30
200
5
0.5
0.04
19.6
LLZ22C
-----
21.08
22.17
30
200
5
0.5
0.04
20
LLZ22D
-----
21.52
22.63
30
200
5
0.5
0.04
20.4
LLZ24
LLZ24A
-----
22.05
23.18
35
200
5
0.5
0.04
20.9
LLZ24B
-----
22.61
23.77
35
200
5
0.5
0.04
21.5
LLZ24C
-----
23.12
24.31
35
200
5
0.5
0.04
22
LLZ24D
-----
23.63
24.85
35
200
5
0.5
0.04
22.4
LLZ27
LLZ27A
-----
24.26
25.52
45
250
5
0.5
0.04
23
LLZ27B
-----
24.97
26.26
45
250
5
0.5
0.04
23.7
LLZ27C
-----
25.63
26.95
45
250
5
0.5
0.04
24.3
LLZ27D
-----
26.29
27.64
45
250
5
0.5
0.04
25
LLZ30
LLZ30A
-----
26.99
28.39
55
250
5
0.5
0.04
25.6
LLZ30B
-----
27.7
29.13
55
250
5
0.5
0.04
26.3
LLZ30C
-----
28.36
29.82
55
250
5
0.5
0.04
26.9
LLZ30D
-----
29.02
30.51
55
250
5
0.5
0.04
27.6
LLZ33
LLZ33A
-----
29.68
31.22
65
250
5
0.5
0.04
28.2
LLZ33B
-----
30.32
31.88
65
250
5
0.5
0.04
28.8
LLZ33C
-----
30.9
32.5
65
250
5
0.5
0.04
29.4
LLZ33D
-----
31.49
33.11
65
250
5
0.5
0.04
29.9
LLZ36
LLZ36A
-----
32.14
33.79
75
250
5
0.5
0.04
30.5
LLZ36B
-----
32.79
34.49
75
250
5
0.5
0.04
31.2
LLZ36C
-----
33.4
35.13
75
250
5
0.5
0.04
31.7
LLZ36D
-----
34.01
35.77
75
250
5
0.5
0.04
32.3
Part-
number-
group
Part-
number
Marking
Code
Zener Voltage
Dynamic Resistance
Test Current
Reverse Leakage
Current
VZ @ IZT
ZZ @ IZT
ZZK @ IZK
IZT
IZK
IR
@ VR
V
V
mA
mA
µA
V
min
max
max
max
max


Similar Part No. - LLZ4V7C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ4V7 TSC-LLZ4V7 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ4V7 TSC-LLZ4V7 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ4V7 YEASHIN-LLZ4V7 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ4V7 TSC-LLZ4V7 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ4V7 MCC-LLZ4V7 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
More results

Similar Description - LLZ4V7C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com