Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ3501 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # GBJ3501
Description  35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBJ3501 Datasheet(HTML) 2 Page - Micro Commercial Components

  GBJ3501 Datasheet HTML 1Page - Micro Commercial Components GBJ3501 Datasheet HTML 2Page - Micro Commercial Components GBJ3501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
GBJ35005 thru GBJ3510
FIG.1 - FORWARD CURRENT DERATING CURVE
40
60
80
100
0
20
35
140
CASE TEMPERATURE , C
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
120
WITHOUT HEATSINK
WITH HEATSINK
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
100
400
300
200
Single Half-Sine-Wave
(JEDEC METHOD)
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
0.01
1.8
1.6
100
TJ = 25 C
PULSE WIDTH 300us
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10.0
100
1000
10
1.0
1.0
100
4.0
TJ = 25 C, f = 1MHz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
20
40
0
1.0
10
100
60
80
100
0.1
1000
TJ = 25 C
TJ = 125 C
TJ = 100 C
TJ = 50 C
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
MCC
Revision: 2
2006/05/29
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - GBJ3501

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ3501 SIRECTIFIER-GBJ3501 Datasheet
94Kb / 2P
   Single Phase Bridge Rectifiers
logo
Microdiode Electronics ...
GBJ3501 CHENDA-GBJ3501 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
GBJ3501 TAITRON-GBJ3501 Datasheet
247Kb / 4P
   Single-Phase Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ3501 DGNJDZ-GBJ3501 Datasheet
711Kb / 2P
   SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ3501 MCC-GBJ3501 Datasheet
107Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ3501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ35005 MCC-GBJ35005_11 Datasheet
236Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_08 Datasheet
107Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL35005 MCC-GBJL35005 Datasheet
502Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_17 Datasheet
238Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC35005 MCC-GBPC35005 Datasheet
417Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com