Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC859 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC859
Description  Hardware Specifications
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC859 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC859 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC859 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
5
Features
One serial peripheral interface (SPI)
— Supports master and slave modes
— Supports multiple-master operation on the same bus
One inter-integrated circuit (I2C) port
— Supports master and slave modes
— Multiple-master environment support
Time slot assigner (TSA) (MPC859DSL does not have TSA.)
— Allows SCCs and SMCs to run in multiplexed and/or non-multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user-defined
— 1- or 8-bit resolution
— Allows independent transmit and receive routing, frame synchronization, and clocking
— Allows dynamic changes
— On MPC866P and MPC866T, can be internally connected to six serial channels (four SCCs and two
SMCs); on MPC859P and MPC859T, can be connected to three serial channels (one SCC and two
SMCs).
Parallel interface port (PIP)
— Centronics interface support
— Supports fast connection between compatible ports on MPC866/859 or MC68360
PCMCIA interface
— Master (socket) interface, compliant with PCI Local Bus Specification (Rev 2.1)
— Supports one or two PCMCIA sockets whether ESAR functionality is enabled
— Eight memory or I/O windows supported
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two operate on
data.
— Supports conditions: =
≠ < >
— Each watchpoint can generate a breakpoint internally
Normal high and normal low power modes to conserve power
1.8 V core and 3.3 V I/O operation with 5-V TTL compatibility; refer to Table 6 for a listing of the 5-V
tolerant pins.
357-pin plastic ball grid array (PBGA) package
Operation up to 133 MHz


Similar Part No. - MPC859

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859 FREESCALE-MPC859 Datasheet
1Mb / 92P
   Hardware Specifications
logo
NXP Semiconductors
MPC859 NXP-MPC859 Datasheet
1Mb / 96P
   Hardware Specifications
Rev. 2, 2/2006
logo
Freescale Semiconductor...
MPC859DSL FREESCALE-MPC859DSL Datasheet
1Mb / 92P
   Hardware Specifications
logo
Motorola, Inc
MPC859DSL MOTOROLA-MPC859DSL Datasheet
309Kb / 12P
   PowerQUICC??Family Technical Summary
logo
NXP Semiconductors
MPC859DSL NXP-MPC859DSL Datasheet
1Mb / 96P
   Hardware Specifications
Rev. 2, 2/2006
More results

Similar Description - MPC859

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com