Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXCB950 Datasheet(PDF) 8 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 8 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 4Page - Oxford Semiconductor OXCB950 Datasheet HTML 5Page - Oxford Semiconductor OXCB950 Datasheet HTML 6Page - Oxford Semiconductor OXCB950 Datasheet HTML 7Page - Oxford Semiconductor OXCB950 Datasheet HTML 8Page - Oxford Semiconductor OXCB950 Datasheet HTML 9Page - Oxford Semiconductor OXCB950 Datasheet HTML 10Page - Oxford Semiconductor OXCB950 Datasheet HTML 11Page - Oxford Semiconductor OXCB950 Datasheet HTML 12Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 8
OXCB950
OXFORD SEMICONDUCTOR LTD.
4 PIN DESCRIPTIONS
Cardbus/PCI bus Pins
Dir2
Name
Description
1, 3, 4, 5, 8, 9, 10, 11, 16, 17, 18,
19, 22, 23, 24, 25, 52, 53, 54, 57,
58, 60, 61, 66, 69, 73, 74, 75, 77,
78, 79, 100
C/P_I/O
AD[31:0]
Multiplexed Address/Data bus.
67, 80, 99, 15
C/P_I
C/BE[3:0]#
Multiplexed Command/Byte enable.
88
CP_I
CLK
System clock
83
CP_I
FRAME#
Cycle Frame1.
93
CP_O
DEVSEL#
Device Select
84
CP_I
IRDY#
Initiator ready
85
CP_O
TRDY#
Target ready
95
CP_O
STOP#
Target Stop request
98
CP_I/O
PAR
Parity
72
CP_O
SERR#
System error
96
CP_I/O
PERR#
Parity error
68
CP_I
IDSEL
Initialisation device select
For PCI applications this pin must be connected to the IDSEL
pin on the PCI connector. For cardbus applications, there is
no IDSEL signal, so this pin must be tied to Vdd (3.3v) via a
pull-up on the board. (10K recommended).
86
CP_I
RST#
System reset
94
CP_OD
INTA# /CINT#
Interrupt Pin. For both cardbus and pci applications
59
CP_O
CSYSCHG
Power management event signal, for Cardbus applications
This pin must be No-Connect (NC) for PCI applications.
51
CP_OD
PME#
Power management event signal, for PCI applications
This pin must be No-Connect (NC) for cardbus applications.
32
I
SLEW_RATE
Slew rate control for cardbus/pci outputs
For cardbus applications, this must be tied to Vdd on the
board. For PCI applications, this must be tied to Gnd on the
board.


Similar Part No. - OXCB950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
logo
PLX Technology
OXCB950 PLX-OXCB950 Datasheet
115Kb / 2P
   32-bit PC card bridge to serial port
More results

Similar Description - OXCB950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
logo
Oxford Semiconductor
OX16CB950 OXFORD-OX16CB950 Datasheet
19Kb / 2P
   Intelligent UART with 3.3v PCI/Cardbus Interface
OX16PCI954 OXFORD-OX16PCI954_05 Datasheet
452Kb / 73P
   Integrated Quad UART and PCI interface
OX16PCI954 OXFORD-OX16PCI954 Datasheet
654Kb / 72P
   Integrated Quad UART and PCI interface
logo
Exar Corporation
XR17V352 EXAR-XR17V352 Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com