Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G923-450T1UF Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G923-450T1UF
Description  300mA High PSRR LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G923-450T1UF Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G923-450T1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G923-450T1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 1.5
Jan 16, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G923
Global Mixed-mode Technology Inc.
Layout Guide
An input capacitance of
≅ 1µF is required between the
G923 input pin and ground (the amount of the capaci-
tance may be increased without limit), This capacitor
must be located a distance of not more than 1cm from
the input and return to a clean analog ground.
Input capacitor can filter out the input voltage spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Otherwise, the actual voltage at the IN pin
may exceed the absolute maximum rating.
The output capacitor also must be located a distance
of not more than 1cm from output to a clean analog
ground. Because it can filter out the output spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Figure 6 is adjustable mode of G923 PCB
layout. Figure 7 is a PCB layout of G923 fixed mode.
Safe Operating Area of G923
[Power Dissipation Limit]
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Input-Output Voltage Differential V
IN-VOUT (V)
TA=25oC,Still Air
1oz Copper on SOT-23-5 Package
Mounted on recommended mimimum footprint (RθJA=240°C/W)
Maximum Recommended Output Current
Note: V
IN(max) <= 5.5V
Maximum Power Dissipation of SOT-23-5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95 105 115 125
Amibent Temperature T
A (°C)
Still Air
1oz Copper on SOT-23-5 Package
Mounted on recommend mimimum footprint (RθJA=240°C/W)
Figure 6. Adjustable Mode
*Distance betw een pin & capacitor must no more than 1cm
Figure 7. Fixed Mode
*Distance betw een pin & capacitor must no more than 1cm
T
A=85°C
T
A=55°C
T
A=25°C
Figure 4. Safe Operating Area
Figure 5. Power Dissipation vs. Temperature
SOT-23-5
Figure 3. Recommended Minimum Footprint


Similar Part No. - G923-450T1UF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G923-450T1UF INTERPOINT-G923-450T1UF Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
More results

Similar Description - G923-450T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com