Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

151KD07JX Datasheet(PDF) 5 Page - Micro Commercial Components

Part # 151KD07JX
Description  11 to 510 Volts 1.5 to 60 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

151KD07JX Datasheet(HTML) 5 Page - Micro Commercial Components

  151KD07JX Datasheet HTML 1Page - Micro Commercial Components 151KD07JX Datasheet HTML 2Page - Micro Commercial Components 151KD07JX Datasheet HTML 3Page - Micro Commercial Components 151KD07JX Datasheet HTML 4Page - Micro Commercial Components 151KD07JX Datasheet HTML 5Page - Micro Commercial Components 151KD07JX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Note 2.
T
Thickness
(max.)
Unit:mm
Part Code
D05
D07
D09
D10
D14
D18
D20
182K
12.5
12.5
12.5
15.6
152K
11
11
11
13.2
112K
7.5
8.5
8.5
8.5
10.1
102K
7.3
8.3
8.3
8.3
9.5
911K
7.1
8.1
8.1
8.1
9.0
821K
6.9
6.9
7.9
7.9
7.9
8.5
781K
6.7
6.7
7.7
7.7
7.7
8.4
751K
6.5
6.5
6.5
7.5
7.5
7.5
8.2
681K
6.4
6.4
6.4
7.1
7.1
7.1
7.8
621K
6.4
6.4
6.4
7.1
7.1
7.1
7.5
561K
6.2
6.2
6.2
6.7
6.7
6.7
7.0
511K
5.8
5.8
5.8
6.4
6.4
6.4
6.8
471K
5.6
5.6
5.6
6.1
6.1
6.1
6.6
431K
5.3
5.3
5.3
5.9
5.9
5.9
6.4
391K
5.1
5.1
5.1
5.7
5.7
5.7
6.2
361K
5.0
5.0
5.0
5.5
5.5
5.5
6.2
331K
4.8
4.8
4.8
5.3
5.3
5.3
5.9
301K
4.7
4.7
4.7
5.1
5.1
5.1
5.7
271K
4.5
4.5
4.5
5.0
5.0
5.0
5.6
241K
4.3
4.3
4.3
4.8
4.8
4.8
5.4
221K
4.2
4.2
4.2
4.7
4.7
4.7
5.3
201K
4.1
4.1
4.1
4.5
4.5
4.5
5.0
181K
4.1
4.1
4.1
4.5
4.5
5.0
151K
4.8
4.8
4.4
5.2
5.2
5.6
121K
4.5
4.5
4.1
4.9
4.9
5.3
101K
4.3
4.3
3.9
4.7
4.7
5.1
820K
4.1
4.1
3.8
4.5
4.5
4.9
680K
4.5
5.2
4.5
5.3
5.3
5.8
560K
4.5
5.0
4.4
5.1
5.1
5.7
470K
4.5
4.9
4.2
5.0
5.0
5.6
390K
4.5
4.8
4.0
4.9
4.9
5.5
330K
4.5
4.9
4.5
5.0
5.0
270K
4.5
4.7
4.2
4.8
4.8
220K
4.5
4.6
4.0
4.7
4.7
180L
4.5
4.5
3.8
4.6
4.6
Revision: 2
2006/09/09
821KD07JX thru 180LD07JX
MCC
TM
Micro Commercial Components
www.mccsemi.com
5 of 6


Similar Part No. - 151KD07JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
151KD07NX MCC-151KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
More results

Similar Description - 151KD07JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com