Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

181KD07JX Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 181KD07JX
Description  11 to 510 Volts 1.5 to 60 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

181KD07JX Datasheet(HTML) 2 Page - Micro Commercial Components

  181KD07JX Datasheet HTML 1Page - Micro Commercial Components 181KD07JX Datasheet HTML 2Page - Micro Commercial Components 181KD07JX Datasheet HTML 3Page - Micro Commercial Components 181KD07JX Datasheet HTML 4Page - Micro Commercial Components 181KD07JX Datasheet HTML 5Page - Micro Commercial Components 181KD07JX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics @ 25OC Unless Otherwise Noted
MCC
821KD07JX thru 180LD07JX
Revision: 2
2006/09/09
TM
Micro Commercial Components
(V)
(V)
(J)
(V)
(V)
821KD07 X
510
670
60.0
820(738-902)
1355
781KD07JX
485
640
59.0
780(702-858)
1290
751KD07JX
460
615
58.0
750(675-825)
1240
681KD07 X
420
560
56.0
680(612-748)
1120
621KD07JX
385
505
54.0
620(558-682)
1025
561KD07 X
350
460
51.0
560(504-616)
920
511KD07JX
320
418
45.0
510(459-561)
842
471KD07JX
300
385
42.0
470(423-517)
775
431KD07JX
275
350
40.0
430(387-473)
710
391KD07JX
250
320
35.0
390(351-429)
650
361KD07JX
230
300
32.0
360(324-396)
595
331KD07JX
210
275
28.0
330(297-363)
550
301KD07 X
195
250
26.0
300(270-330)
505
271KD07JX
175
225
24.0
270(243-297)
455
241KD07JX
150
200
21.0
240(216-264)
395
221KD07JX
140
180
19.0
220(198-242)
360
201KD07JX
130
170
27.5
200(180-220)
340
181KD07JX
115
150
16.0
180(162-198)
300
151KD07JX
95
125
13.0
150(135-165)
250
121KD07JX
75
100
11.0
120(108-132)
200
101KD07JX
60
85
9.0
100(90-110)
165
820KD07JX
50
65
7.0
82(74-90)
135
680KD07 X
40
56
5.4
68(61-75)
*135
560KD07JX
35
45
4.4
56(50-62)
*110
470KD07JX
30
38
3.8
47(42-52)
*93
390KD07JX
25
31
3.0
39(35-43)
*77
330KD07JX
20
26
2.8
33(30-36)
*65
270KD07 X
17
22
2.1
27(24-30)
*53
220KD07JX
14
18
1.7
22(20-24)
*43
180LD07JX
11
14
1.5
18(15-21)
*36
V10A
(A)
500
250
0.02
1750
1250
0.25
Rated Wattage
Varistor
Voltage
Maximum
Clamping
Voltage
ACrms
DC
10/1000us
1 time
2 times
(W)
V1mA
Part Number
Maximum Allowable
Voltage
Maximum
Energy
Withstanding Surge
Current 8/20us
*680K-180L Max. Clamping Voltage testing current 2.5A
.
www.mccsemi.com
2 of 6


Similar Part No. - 181KD07JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
181KD07NX MCC-181KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
More results

Similar Description - 181KD07JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com