Electronic Components Datasheet Search |
|
G923-315T1UF Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc |
|
G923-315T1UF Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc |
1 / 9 page Ver: 1.5 Jan 16, 2007 TEL: 886-3-5788833 http://www.gmt.com.tw 1 G923 Global Mixed-mode Technology Inc. 300mA High PSRR LDO Regulators Features Low, 90µA No-Load Supply Current Guaranteed 300mA Output Current Dropout Voltage is 200mV @ 150mA Load PSRR=65dB @ 120Hz Over-Temperature Protection and Short-Circuit Protection Two Modes of Operation ---- Fixed Mode: 1.50V~5.00V Adjustable Mode: from 1.25V to 5.50V Max. Supply Current in Shutdown Mode < 1µA Low Output Noise at 238µVRMS Stable with low cost ceramic capacitors Applications Notebook Computers Cellular Phones PDAs Digital still Camera and Video Recorders Hand-Held Devices Audio Codec General Description The G923 is a low supply current, high PSRR, and low dropout linear regulator that comes in a space saving SOT-23-5 package. The supply current at no-load is 90µA. In the shutdown mode, the maximum supply current is less than 1µA. Operating voltage range of the G923 is from 2.50V to 5.50V. The over-current protection limit is set at 550mA typical. An over- tem- perature protection circuit is built-in in the G923 to prevent thermal overload. These power saving fea- tures make the G923 ideal for use in the bat- tery-powered applications such as notebook com- puters, cellular phones, and PDA’s. The G923 has two modes of operation. When the SET pin is connected to ground, its output is a pre-set value: 1.50V~5.00V. There is no external component needed to decide the output voltage. When an output other than the preset value is needed, two external resistors should be used as a voltage divider. The output volt- age is then decided by the resistor ratio. The G923 comes in a space saving SOT-23-5 package. Pin Configuration Typical Application Circuit G963 SET OUT SOT-23-5 G923 5 4 1 SHDN 2 3 GND IN IN OUT SHDN SET GND G923 + - BATTERY CIN 1µF R1 R2 C OUT 4.7µF OUTPUT VOLTAGE Adjustable mode IN OUT GND SET SHDN G923 C IN 1µF + _ BATTERY OUTPUT VOLTAGE COUT 4.7µF Fixed mode G963 SET OUT SOT-23-5 G923 5 4 1 SHDN 2 3 GND IN IN OUT SHDN SET GND G923 + - BATTERY CIN 1µF R1 R2 C OUT 4.7µF OUTPUT VOLTAGE Adjustable mode IN OUT GND SET SHDN G923 C IN 1µF + _ BATTERY OUTPUT VOLTAGE COUT 4.7µF Fixed mode |
Similar Part No. - G923-315T1UF |
|
Similar Description - G923-315T1UF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |