Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

561KD07X Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 561KD07X
Description  11 to 510 Volts 1.5 to 60 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

561KD07X Datasheet(HTML) 4 Page - Micro Commercial Components

  561KD07X Datasheet HTML 1Page - Micro Commercial Components 561KD07X Datasheet HTML 2Page - Micro Commercial Components 561KD07X Datasheet HTML 3Page - Micro Commercial Components 561KD07X Datasheet HTML 4Page - Micro Commercial Components 561KD07X Datasheet HTML 5Page - Micro Commercial Components 561KD07X Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
20
1
100
10
1000
100
10000
1000
V-I Surge Life Time Ratings
(180L to 680K)
A
µs
Impulse Current – Amperes
Impulse Width – Micro seconds
1 time
2 times
10 times
10
2 times
10
4 times
10
3 times
10
5 times
10
6 times
20
10
100
100
1000
1000
10000
10000
V-I Surge Life Time Ratings
(820K to751K)
A
µs
Impulse Current – Amperes
Impulse Width – Micro seconds
1 time
2 times
10 times
10
2 times
10
4 times
10
3 times
10
5 times
10
6 times
Revision: 2
2006/09/09
821KD07JX thru 180LD07JX
MCC
TM
Micro Commercial Components
www.mccsemi.com
4 of 6


Similar Part No. - 561KD07X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
561KD07NX MCC-561KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
More results

Similar Description - 561KD07X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com