Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA1260D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA1260D
Description  Low G Micromachined Accelerometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1260D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA1260D Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1260D Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MMA1260D
Sensors
Freescale Semiconductor
5
BASIC CONNECTIONS
Pinout Description
Figure 5. SOIC Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use a 0.1 µF capacitor on VDD to decouple the power
source.
2. Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
3. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
4. Use an RC filter of 1 kΩ and 0.01 µF on the output of
the accelerometer to minimize clock noise (from the
switched capacitor filter circuit).
5. PCB layout of power and ground should not couple
power supply noise.
6. Accelerometer and microcontroller should not be a
high current path.
7. A/D sampling rate and any external power supply
switching frequency should be selected such that they
do not interfere with the internal accelerometer
sampling frequency. This will prevent aliasing errors.
Table 3. Pin Descriptions
Pin No.
Pin Name
Description
1 thru 3
VSS
Redundant connections to the internal
VSS and may be left unconnected.
4
VOUT
Output voltage of the accelerometer.
5
STATUS
Logic output pin to indicate fault.
6
VDD
The power supply input.
7
VSS
The power supply ground.
8
ST
Logic input pin used to initiate self-test.
9 thru 13
Trim pins
Used for factory trim. Leave
unconnected.
14 thru 16
No internal connection. Leave
unconnected.
VSS
VSS
VSS
VOUT
STATUS
VDD
VSS
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
8
MMA1260D
ST
VDD
VSS
VOUT
Output
Signal
R1
1 kΩ
4
C2
0.1 µF
6
7
Logic
Input
VDD
C1
0.1 µF
STATUS
5
3
2
1
VSS
VSS
VSS
P0
A/D In
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.01 µF
1 kΩ
0.1 µF
0.1 µF
Power Supply
0.1 µF
P1
STATUS
C
C
C
R
C


Similar Part No. - MMA1260D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1260D MOTOROLA-MMA1260D Datasheet
128Kb / 8P
   Low G Micromachined Accelerometer
MMA1260D MOTOROLA-MMA1260D Datasheet
6Mb / 670P
   Sensor
More results

Similar Description - MMA1260D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1220 FREESCALE-MMA1220 Datasheet
282Kb / 10P
   Low G Micromachined Accelerometer
MMA1270EG FREESCALE-MMA1270EG Datasheet
231Kb / 9P
   Low G Micromachined Accelerometer
MMA2201D FREESCALE-MMA2201D Datasheet
276Kb / 10P
   Low G Micromachined Accelerometer
logo
NXP Semiconductors
MMA2201KEG NXP-MMA2201KEG Datasheet
176Kb / 11P
   Low-g Micromachined Accelerometer
Rev 1, 08/2012
logo
Freescale Semiconductor...
MMA1260KEG FREESCALE-MMA1260KEG Datasheet
143Kb / 9P
   Low G Micromachined Accelerometer
MMA1254 FREESCALE-MMA1254 Datasheet
135Kb / 10P
   Low-g Micromachined Accelerometer
logo
Motorola, Inc
MMA1260D MOTOROLA-MMA1260D Datasheet
128Kb / 8P
   Low G Micromachined Accelerometer
logo
NXP Semiconductors
MMA1260KEG NXP-MMA1260KEG Datasheet
176Kb / 9P
   Low G Micromachined Accelerometer
Rev 0, 11/2009
logo
Freescale Semiconductor...
MMA2244EG FREESCALE-MMA2244EG Datasheet
235Kb / 10P
   Low G Micromachined Accelerometer
MMA2201KEG FREESCALE-MMA2201KEG_12 Datasheet
125Kb / 11P
   Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com