Electronic Components Datasheet Search |
|
G9612CTEUF Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc |
|
G9612CTEUF Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc |
2 / 8 page Ver: 1.7 Apr 01, 2005 TEL: 886-3-5788833 http://www.gmt.com.tw 2 G9612 Global Mixed-mode Technology Inc. Absolute Maximum Ratings Supply Voltage (IN or OUT to GND)…...…0.3V to 6.5V Input Voltage….………………………………………6.5V Thermal Resistance Junction to Ambient, (θJA) SOT-89-5...……………………….….……….…135°C/W Thermal Resistance Junction to Case, (θJc) SOT-89-5..…….………………….….….……..…24°C/W Output Short-Circuit Duration…….…….….……1 min Operating Temperature Range…….....-40°C to 85°C Junction Temperature………………….………..160°C Storage Temperature Range…...……-65°C to 160°C Reflow Temperature (soldering, 10sec)………260°C Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability Electrical Characteristics VIN=5V, CIN=1µF, COUT=10µF, TJ =TA=25°C (Note3), unless otherwise noted. Typical values for regulators are at VIN =5V. PARAMETER SYMBOL CONDITION MIN TYP MAX UNIT Input Voltage VIN 2.5 --- 6.0 V G9612A 3.332 3.4 3.468 G9612B/C 3.234 3.3 3.366 Output Voltage (Note 1) VOUT G9612D 2.45 2.5 2.55 V Load Regulation ΔVLDR IOUT=1mA to 500mA, VIN=VOUT +1V --- 8 17 mV Line Regulation ΔVLNR (VOUT+0.5V) ≤ VIN ≤ 6V, IOUT =25mA -8 0.3 8 mV G9612A/B/C --- 560 610 Dropout Voltage (Note 2) ΔVDO IOUT=500mA G9612D --- 650 700 mV Parameter Tempco VOUT --- 40 --- ppm/°C f=120HZ, IOUT=30mA --- 70 --- Ripple Rejection PSRR f=120HZ, IOUT=300mA --- 65 --- dB Output Noise en 20Hz to 100kHz, IOUT=30mA~500mA. --- 320 --- µVRMS Quiescent Current IQ --- 320 450 µA VOUT<VFOLDBACK 260 400 580 Foldback Current Limit ILIM VOUT>VFOLDBACK 650 900 1200 mA Foldback Voltage VFOLDBACK 0.6 0.78 0.95 V Thermal Shutdown Temperature TSD --- 160 --- °C Thermal Shutdown Hysteresis ΔTSD --- 30 --- °C G9612A/B/D 4.11 4.2 4.29 Reset Threshold VTH- G9612C 3.81 3.9 3.99 V G9612A/B/D --- 150 --- Reset Threshold Hysteresis VHYS G9612C --- 130 --- mV Reset Threshold Tempco --- 40 --- ppm/°C CD Delay Pin Threshold Voltage VTCD VCC = 5V 3.5 3.9 4.3 V CD Pin Sink Current ICD VCC=1.5V, VCD=0.5V 3 4.3 --- mA CD Pin Pullup Resistance RD 100 200 400 k Ω RESET Output Current Low IOL VCC=2.5V, V RESET =0.4V 8 11.5 --- mA RESET Function Operating Voltage VOP RESET sink current>10µA --- 0.7 0.85 V Note 1: (VIN-VOUT) is limited to keep the product (IOUT x (VIN - VOUT)) from exceeding the package power dissipation limits. Note 2: Dropout Voltage is (VIN - VOUT) when VOUT falls to 100mV below its nominal value at VIN = VOUT+1V. For example, the G9612 is tested by measuring the VOUT at VIN = VOUT+1V, then VIN is lowered until VOUT falls 100mV below the meas- ured value. The difference (VIN - VOUT) is then measured and defined as ΔVDO. Note 3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible. |
Similar Part No. - G9612CTEUF |
|
Similar Description - G9612CTEUF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |