Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

271KD10JX Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 271KD10JX
Description  11 to 1000 Volts Varistor 2.6 to 247Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

271KD10JX Datasheet(HTML) 2 Page - Micro Commercial Components

  271KD10JX Datasheet HTML 1Page - Micro Commercial Components 271KD10JX Datasheet HTML 2Page - Micro Commercial Components 271KD10JX Datasheet HTML 3Page - Micro Commercial Components 271KD10JX Datasheet HTML 4Page - Micro Commercial Components 271KD10JX Datasheet HTML 5Page - Micro Commercial Components 271KD10JX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
182KD10JX thru 180LD10JX
*680K-180L Max. Clamping Voltage testing current 5A
.
(V)
(V)
(J)
(V)
(V)
182KD10JX
1000
1465
247.0
1800(1620-1980)
2970
112KD10JX
680
895
155.0
1100(990-1210)
1815
102KD10JX
625
825
140.0
1000(900-1100)
1650
911KD10JX
550
745
127.0
910(819-1001)
1500
821KD10JX
510
670
118.0
820(738-902)
1355
781KD10JX
485
640
116.0
780(702-858)
1290
751KD10JX
460
615
115.0
750(675-825)
1240
681KD10JX
420
560
112.0
680(612-748)
1120
621KD10JX
385
505
107.0
620(558-682)
1025
561KD10JX
350
460
102.0
560(504-616)
920
511KD10JX
320
418
92.0
510(459-561)
845
471KD10JX
300
385
85.0
470(423-517)
775
431KD10JX
275
350
80.0
430(387-473)
710
391KD10JX
250
320
70.0
390(351-429)
650
361KD10JX
230
300
65.0
360(324-396)
595
331KD10JX
210
275
58.0
330(297-363)
550
301KD10JX
195
250
52.0
300(270-330)
505
271KD10JX
175
225
49.0
270(243-297)
455
241KD10JX
150
200
42.0
240(216-264)
395
221KD10JX
140
180
39.0
220(198-242)
360
201KD10JX
130
170
35.0
200(180-220)
330
181KD10JX
115
150
32.0
180(162-198)
300
151KD10JX
95
125
25.0
150(135-165)
250
121KD10JX
75
100
22.0
120(108-132)
200
101KD10JX
60
85
18.0
100(90-110)
165
820KD10JX
50
65
14.0
82(74-90)
135
680KD10JX
40
56
9.8
68(61-75)
*135
560KD10JX
35
45
8.1
56(50-62)
*110
470KD10JX
30
38
6.8
47(42-52)
*93
390KD10JX
25
31
5.6
39(35-43)
*77
330KD10JX
20
26
4.8
33(30-36)
*65
270KD10JX
17
22
3.9
27(24-30)
*53
220KD10JX
14
18
3.2
22(20-24)
*43
180LD10J X
11
14
2.6
18(15-21)
*36
V25A
(A)
1000
500
0.05
3500
2500
0.4
Rated Wattage
Varistor Voltage
Maximum
Clamping
Voltage
ACrms
DC
10/1000us
1 time
2 times
(W)
V1mA
Part Number
Maximum Allowable
Voltage
Maximum
Energy
Withstanding Surge
Current 8/20us
Electrical Characteristics @ 25OC Unless Otherwise Noted
MC C
Micro Commercial Components
TM
www.mccsemi.com
2 of 6
Revision: 2
2006/09/09


Similar Part No. - 271KD10JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
271KD10NX MCC-271KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
More results

Similar Description - 271KD10JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
logo
GHz Technology
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
   11 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
Micro Commercial Compon...
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com