Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5374BE Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N5374BE
Description  5 Watt Zener Diode 11 to 200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5374BE Datasheet(HTML) 3 Page - Micro Commercial Components

  1N5374BE Datasheet HTML 1Page - Micro Commercial Components 1N5374BE Datasheet HTML 2Page - Micro Commercial Components 1N5374BE Datasheet HTML 3Page - Micro Commercial Components 1N5374BE Datasheet HTML 4Page - Micro Commercial Components 1N5374BE Datasheet HTML 5Page - Micro Commercial Components 1N5374BE Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3. SURGE CURRENT (Ir) - Surge current is specified as the maximum allowable peak, non-recurrent square-wave
current with a pulse width, PW, of 8.3 ms. The data given in Figure 5 may be used to find the maximum surge
current for a quare wave of any pulse width between 1 ms and 1000ms by plotting the applicable points on
logarithmic paper. Examples of this, using the 6.8v and 200V zeners, are shown in Figure 6. Mounting
contact located as specified in Note 3. (TA=25
).
4. VOLTAGE REGULATION (Vz) - Test conditions for voltage regulation are as follows: Vz measurements are made
at 10% and then at 50% of the Iz max value listed in the electrical characteristics table. The test currents are the
same for the 5% and 10% tolerance devices. The test current time druation for each Vz measurement is 40 10 ms.
(TA=25 ). Mounting contact located as specified in Note2.
5. MAXIMUM REGULATOR CURRENT (IZM) - The maximum current shown is based on the maximum voltage of a
5% type unit. Therefore, it applies only to the B-suffix device. The actual IZM for any device may not exceed the
value of 5 watts divided by the actual Vz of the device. TL=75 at maximum from the device body.
APPLICATION NOTE:
Since the actual voltage available from a given zener
diode is temperature dependent, it is necessary to
determine
junction
temperature
under
any
set
of
operating conditions in order to calculate its value. The
following procedure is recommended:
Lead Temperature, TL, should be determined from:
TL =th LAPD + TA
th LA is the lead-to-ambient thermal resistance ( /W)
and PD is the power dissipation.
Junction Temperature, TJ , may be found from:
TJ = TL + TJL
TJL is the increase in junction temperature above the
lead temperature and may be found from Figure 3 for a
train of power pulses or from Figure 4 for dc power.
T JL = JLPD
For worst-case design, using expected limits of Iz, limits
of PD and the extremes of TJ(TJ) may be estimated.
Changes in voltage, Vz, can then be found from:
, the zener voltage temperature coefficient, is fount
from Figures 2.
Under high power-pulse operation, the zener voltage will
vary with time and may also be affected significantly be
the zener resistance. For best regulation, keep current
excursions as low as possible.
Data of Figure 3 should not be used to compute surge
capability. Surge limitations are given in Figure 5. They
are lower than would be expected by considering only
junction temperature, as current crowding effects cause
temperatures to be extremely high in small spots resulting
in device degradation should the limits of Figure. 5 be
exceeded.
1N5348BE THRU 1N5388BE
ELECTRICAL CHARACTERISTICS
MCC
Revision: 6
2006/05/28
TM
Micro Commercial Components
www.mccsemi.com
3 of 6


Similar Part No. - 1N5374BE

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N5374B DIGITRON-1N5374B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Motorola, Inc
1N5374B MOTOROLA-1N5374B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5374B DIOTEC-1N5374B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5374B SEMIKRON-1N5374B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5374B DIOTEC-1N5374B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Similar Description - 1N5374BE

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
New Jersey Semi-Conduct...
1N5559B NJSEMI-1N5559B Datasheet
148Kb / 1P
   1.0 WATT ZENER DIODE 6.8 VOLTS to 200 VOLTS 5% TOLERANCE
logo
Micro Commercial Compon...
SMBJ5341B-TP MCC-SMBJ5341B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5371B-TP MCC-SMBJ5371B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5353B-TP MCC-SMBJ5353B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5363B-TP MCC-SMBJ5363B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5366B-TP MCC-SMBJ5366B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B-TP MCC-SMBJ5338B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com