Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34920EI Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC34920EI
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34920EI Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34920EI Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34920
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
RESET
RESET
Delay
VV1_FB ≥ VV1T+
tDELAY
15
33
50
ms
VCC Out-of-Tolerance Persistence Time
RESET
De-Asserted, VV1_FB < VV1T-
tPERSIST
10
20
30
µs
RESET
Rise Time
10% to 90% (8)
tR
630
750
ns
RESET
Fall Time
90% to 10% (8)
tF
11
50
ns
Notes
8.
Test circuit is 50 pF capacitor from RESET to GND.
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 21 V VVB+ 42 V, TA = 10°C to 55°C, TJ max = 135°C, VCC = 5.25 V max unless
otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under typical conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34920EI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
More results

Similar Description - MC34920EI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com