Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34920FNR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC34920FNR2
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34920FNR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34920FNR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34920
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Serial Connectivity Diagram
Figure 5. RESET Generation Timing Diagram (Assumes VVB+ > VVB+T+ During Entire Period)
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Time
SDI
SDI Stays at Last Value
MSB
LSB
SCLK
Tdsu
Tend
Data Latched on the rising edge of SCLK
nCS
Tcs + SCLK
Tcs - SCLK
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Time
SDI
SDI Stays at Last Value
MSB
LSB
SCLK
Tdsu
Tend
Data Latched on the rising edge of SCLK
nCS
Tcs + SCLK
Tcs - SCLK
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Time
SDI
SDI Stays at Last Value
MSB
LSB
SCLK
SCLK
SCLK
SCLK
Tdsu
Tend
Data Latched on the rising edge of SCLK
nCS
Tcs + SCLK
Tcs - SCLK
CS
SDI
SCLK
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 13*
MSB
LSB
*SDI stays at last value
tDSU
tDHD
Data latched on rising edge of SCLK
tCS-SCLK
tSCLK-CS
Time
Tpersist delay
n RESET
undefined
undefined
Tdelay 15-50 mS
(plus Tpersist delay_
Tpersist delay
VCC
Short glitch below
VtVCC for less than Tpersist
Trip level
VtVCC
Trip level
VtVCC
1 V
Tdelay 15-50mS
(plus Tpersist delay)
Assumes VB+ > VtVB+ during the entire period
Power On
“Glitch” Response
Power Off
Tpersist delay
n RESET
undefined
undefined
undefined
Tdelay 15-50 mS
(plus Tpersist delay_
Tpersist delay
VCC
Short glitch below
VtVCC for less than Tpersist
Trip level
VtVCC
Trip level
VtVCC
1 V
Tdelay 15-50mS
(plus Tpersist delay)
Tdelay 15-50mS
(plus Tpersist delay)
Assumes VB+ > VtVB+ during the entire period
Power On
“Glitch” Response
Power Off
Power On
“Glitch” Response
Power Off
Power On
“Glitch” Response
Power Off
VCC
RESET
1.0 V
Short glitch below VV1T
for less than tPERSIST
Trip Level
VV1T
Trip Level
VV1T
Undefined
Undefined
tDELAY 15–50 ms
(plus tPERSIST)
tPERSIST
tDELAY 15–50 ms
(plus tPERSIST)
tPERSIST


Similar Part No. - MC34920FNR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
More results

Similar Description - MC34920FNR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com