Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34702 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34702
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RATINGS
Storage Temperature
TSTG
-65 to 150
°C
Peak Package Reflow Temperature During Reflow (2), (3)
TPPRT
Note 3
°C
Maximum Junction Temperature
TJMAX
125
°C
Thermal Resistance
Junction to Ambient (Single Layer) (4), (5)
Junction to Ambient (Four Layers) (4), (5)
RθJA
70
55
°C/W
Thermal Resistance, Junction to Base (6)
RθJB
18
°C/W
Operational Package Temperature (Ambient Temperature)
TA
-40 to 85
°C
Notes
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics..
4.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature,
ambient temperature, air flow, power dissipation of other components on the board and board thermal resistance.
5.
Per JEDEC JESD51-6 with the board horizontal
6.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
Table 2.
Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit


Similar Part No. - 34702

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
347025C ALPHAWIRE-347025C Datasheet
93Kb / 4P
   Customer Specification
1/11/2023
More results

Similar Description - 34702

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
logo
ON Semiconductor
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com