Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34652EFR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC34652EFR2
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34652EFR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34652EFR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34652
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 16-SOICN Pin Connections
Table 1. 16-SOICN Pin Definitions
A functional description of each pin can be found in the FUNCTIONAL PIN DESCRIPTION section beginning on page 10.
Pin
Pin Name
Formal Name
Definition
1, 8, 9, 16
VIN
Negative Supply
Input Voltage
This is the most negative power supply input. All pins except DISABLE are referenced
to this input.
2
PG
Power Good Output
(Active High)
This is an active high power good output signal. This pin is referenced to VIN.
3
PG
Power Good Output
(Active Low)
This is an active low power good output signal. This pin is referenced to VIN.
4, 5
VOUT
Output Voltage
This pin is the drain of the internal Power MOSFET and supplies a current limited voltage
to the load.
6
TIMER
Start-Up and Retry
Delay Timer
This input is used to control the time base used to generate the timing sequences at
start-up and the retry delay when the device experiences any fault.
7
NC
No Connect
Not connected.
10
OV
Overvoltage Control
This pin is used to set the upper limit of the input voltage operation range.
11
UV
Undervoltage Control
This pin is used to set the lower limit of the input voltage operation range.
12
VPWR
Positive Supply
Input Voltage
This is the most-positive power supply input. The load connects between this pin and the
VOUT pin.
13
DISABLE
Disable Input Control
This pin is used to easily disconnect or connect the load from the main power line by
disabling or enabling the 34652. It can also be used to reset the fault conditions that
cause a “Power No Good” signal. This pin is referenced to VPWR.
14
ILIM
Current Limit Control
This pin is used to set the overcurrent limit during normal operation.
15
ICHG
Charging Current
Limit Control
This pin is used to set the load’s input capacitor charging current limit, hence limiting the
inrush current to a known constant value.
VIN
VIN
ICHG
ILIM
DISABLE
VPWR
OV
UV
VIN
VIN
PG
PG
VOUT
VOUT
NC
TIMER
8
2
3
4
5
7
6
9
16
15
14
13
12
10
11
1


Similar Part No. - MC34652EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34652EF FREESCALE-MC34652EF Datasheet
1Mb / 25P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
More results

Similar Description - MC34652EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34652 FREESCALE-MC34652 Datasheet
1Mb / 25P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
34653 FREESCALE-34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com