Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4448WX Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4448WX
Description  High Speed Switching Diode 200mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4448WX Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4448WX Datasheet HTML 1Page - Micro Commercial Components 1N4448WX Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4448WX
1
10
100
1000
10,000
0
100
200
T , JUNCTION TEMPERATURE (°C)
Fig. 2 Leakage Current vs Junction Temperature
j
V = 20V
R
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
MCC
www.mccsemi.com
Revision: 2
2005/07/13
TM
Micro Commercial Components


Similar Part No. - 1N4448WX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448WX MCC-1N4448WX Datasheet
183Kb / 3P
   High Speed Switching Diode 200mW
logo
Shanghai Shunye Electro...
1N4448WX SY-1N4448WX Datasheet
940Kb / 3P
   FAST SWITCHING DIODES
logo
Micro Commercial Compon...
1N4448WX MCC-1N4448WX_11 Datasheet
183Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX_13 Datasheet
206Kb / 3P
   High Speed Switching Diode 200mW
More results

Similar Description - 1N4448WX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WX MCC-1N4148WX_16 Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
1N4148WXL MCC-1N4148WXL Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX_13 Datasheet
206Kb / 3P
   High Speed Switching Diode 200mW
logo
Shanghai Lunsure Electr...
1N4148W CHENYI-1N4148W Datasheet
143Kb / 3P
   High Speed Switching Diode 200mW
logo
Micro Commercial Compon...
1N4448WX MCC-1N4448WX_11 Datasheet
183Kb / 3P
   High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com