Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33977EGR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCZ33977EGR2
Description  Single Gauge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33977EGR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33977EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33977
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
< VDD < 5.25 V, and -40°C < TA< 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VDD)
Battery Supply Voltage Range
Fully Operational
Limited Operation (6), (7)
VPWR
6.5
4.0
26
26
V
VPWR Supply Current
Gauge Outputs ON, No Output Loads
IPWR
4.0
6.0
mA
VPWR Supply Current (All Outputs Disabled)
Reset = Logic [0], VDD = 5.0 V
Reset = Logic [0], VDD = 0 V
IPWRSLP1
IPWRSLP2
42
15
60
25
µA
Overvoltage Detection Level (8)
VPWROV
26
32
38
V
Undervoltage Detection Level (9)
VPWRUV
5.0
5.6
6.2
V
Logic Supply Voltage Range (5.0 V Nominal Supply)
VDD
4.5
5.0
5.5
V
Under VDD Logic Reset
VDDUV
4.5
V
VDD Supply Current
Sleep: Reset Logic [0]
Outputs Enabled
IDDOFF
IDDON
40
1.0
65
1.8
µV
mA
POWER OUTPUT (SIN-, SIN+, COS-, COS+)
Microstep Output (Measured Across Coil Outputs)
SIN± (COS±) (Refer to Pin Definitions onpage 3)
ROUT = 200 Ω, PE6 = 0
V
Steps
Pin Definitions
6, 18,
0, 12
5, 7, 17, 19
1, 11, 13, 23
4, 8, 16, 20
2, 10, 14, 22
3, 9, 15, 21
3, 9, 15, 21
2, 10, 14, 22
5, 7, 17, 19
1, 11, 13, 23
5, 7, 17, 19
0, 12
6, 18
VST6
VST5
VST4
VST3
VST2
VST1
VST0
4.82
0.94 VST6
0.84 VST6
0.68 VST6
0.47 VST6
0.23 VST6
0.1
5.3
0.97 VST6
0.87 VST6
0.71 VST6
0.50 VST6
0.26 VST6
0.0
6.0
1.0 VST6
0.96 VST6
0.8 VST6
0.57 VST6
0.31 VST6
0.1
Full Step Active Output (Measured Across Coil Outputs) (10)
SIN± (COS±), Steps 1,3 (Pin Definitions 0 and 2)
VFS
4.9
5.3
6.0
V
Notes
6.
Outputs and logic remain active; however, the larger coil voltage levels may be clipped. The reduction in drive voltage may result in a
loss of position control.
7.
The logic will reset at some level below the specified Limited Operational minimum.
8.
Outputs will disable and must be re-enabled via the PECCR command.
9.
Outputs remain active; however, the reduction in drive voltage may result in a loss of position control.
10.
See Figure 7.


Similar Part No. - MCZ33977EGR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCZ33977EGR2 NXP-MCZ33977EGR2 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
More results

Similar Description - MCZ33977EGR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com