Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMD48 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PUMD48
Description  NPN/PNP resistor-equipped transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMD48 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PUMD48 Datasheet HTML 4Page - NXP Semiconductors PUMD48 Datasheet HTML 5Page - NXP Semiconductors PUMD48 Datasheet HTML 6Page - NXP Semiconductors PUMD48 Datasheet HTML 7Page - NXP Semiconductors PUMD48 Datasheet HTML 8Page - NXP Semiconductors PUMD48 Datasheet HTML 9Page - NXP Semiconductors PUMD48 Datasheet HTML 10Page - NXP Semiconductors PUMD48 Datasheet HTML 11Page - NXP Semiconductors PUMD48 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1999 Apr 22
11
Philips Semiconductors
Product Specification
NPN/PNP resistor-equipped transistors
PUMD48
NOTES


Similar Part No. - PUMD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD48 NXP-PUMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
PUMD48 NEXPERIA-PUMD48 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
   NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
More results

Similar Description - PUMD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PEMD12 PHILIPS-PEMD12 Datasheet
66Kb / 12P
   NPN/PNP resistor-equipped transistors
2001 Nov 07
PIMD3 PHILIPS-PIMD3 Datasheet
65Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PUMD9 PHILIPS-PUMD9 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
logo
Nexperia B.V. All right...
PEMD18 NEXPERIA-PEMD18 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PUMD10 PHILIPS-PUMD10 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD2 PHILIPS-PUMD2 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 21
PEMD17 PHILIPS-PEMD17 Datasheet
69Kb / 12P
   NPN/PNP resistor-equipped transistors
Rev. 03-24 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com