Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33970DWR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC33970DWR2
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33970DWR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33970DWR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33970DWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33970
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33970 Pin Connections
Table 1. 33970 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
2
3
4
COS0+
COS0
SIN0+
SIN0
Output
H-Bridge Outputs 0
Each pin is the output pin of a half bridge, designed to source or sink
current.
5–8,
17–20
GND
Ground
Ground
These pins serve as the ground for the source of the low-side output
transistors as well as the logic portion of the device.
9
CS
Input
Chip Select
This pin is connected to a chip select output of a LSI IC.
10
SCLK
Input
Serial Clock
This pin is connected to the SCLK pin of the master device and acts as a
bit clock for the SPI port.
11
SO
Output
Serial Output
This pin is connected to the SPI Serial Data Input pin of the master
device, or to the SI pin of the next device in a daisy chain.
12
SI
Input
Serial Input
This pin is connected to the SPI Serial Data Output pin of the master
device from which it receives output command data.
13
RTZ
Output
Multiplexed Output
This is a multiplexed output pin, for the non-driven coil, during a Return to
Zero (RTZ) event.
14
VDD
Input
Voltage
This SPI and logic power supply input will work with 5.0 V supplies.
15
RST
Input
Reset
This input has an internal active pull-up.
16
VPWR
Input
Battery Voltage
Power supply.
21
22
23
24
SIN1
SIN1+
COS1
COS1+
Output
H-Bridge Outputs 1
Each of these pins are the output pin of a half bridge, designed to source
or sink current.
COS0+
COS0-
SIN0+
SIN0-
GND
GND
GND
CS
SCLK
SO
SI
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
COS1+
COS1-
SIN1+
SIN1-
GND
GND
GND
VPWR
RST
VDD
RTZ
GND
GND


Similar Part No. - MC33970DWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
More results

Similar Description - MC33970DWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
logo
NTE Electronics
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
   Integrated Circuit Dual, DC Motor Driver
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
   Integrated Circuit Dual Reversible Motor Driver
logo
ATMEL Corporation
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
   Monolithic Integrated Feature Phone Circuit EMI Improved
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
NTE Electronics
NTE1498 NTE-NTE1498 Datasheet
20Kb / 2P
   Integrated Circuit Dual Peak Power Meter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com