Electronic Components Datasheet Search |
|
SZ5U1R5C010B1 Datasheet(PDF) 8 Page - Sharma Electro Components,Inc |
|
SZ5U1R5C010B1 Datasheet(HTML) 8 Page - Sharma Electro Components,Inc |
8 / 12 page MULTILAYER CERAMIC LEADED CAPACITORS Introduction: Series Specifications: COG/NPO X7R Y5V Z5U Temperature Range in °C: -55 to +125 -55 to +125 -30 to +85 +10 to +85 Dissipation Factor % @25°C & 1KHz: 0.25 max 3.0 max 6.0 max 4.0 max Insulation Resistance @25°C: 1 G Ohm or 1 G Ohm or 1 G Ohm or 1 G Ohm or (minimum of) 100 Ohm F 100 Ohm F 100 Ohm F 100 Ohm F Overload Voltage(25°C) 5 seconds max: 2x rated voltage 2x rated voltage 2x rated voltage 2x rated voltage Temperature Coefficient: ±30ppm/°C ±15% chg. -82 to +22% chg. -56 to +22% chg. Tolerance options: J(5%), K(10%) K(10%), M(20%) M(20%), Z(-20 to +80%) M(20%), Z(-20 to +80%) Radial Epoxy coated multilayer ceramic capacitors available in popular COG(NPO), X7R, Y5V and Z5U dielectrics. Ideal for industrial and general purpose electronic applications. These capacitors are available in both Bulk and Tape & Reel packing for automatic insertion. L H T COG(NPO) X7R Y5V Z5U 25V 10-3300pF 220pF-1uF .01-.1uF .01-.22uF A,B 50V 10-2200pF 220pF-.1uF .01-.68uF .01-.1uF A,B 100V 10-1000pF 220pF-.068uF A,B 25V 10-4700pF 1000pF-1uF .01-1.2uF .01-.33uF A,B 50V 10-4700pF 1000pF-.1uF .01-1uF .01-.22uF A,B 100V 10-3300pF 1000pF-.068uF A,B 25V 560pF-.01uF 1000pF-.33uF .1-2.2uF .1-1uF B 50V(63V) 560pF-6800pF 1000pF-2uF .1-2.2uF .1-1uF B 100V 560pF-4700pF 1000pF-1uF B 25V 1000pF-.015uF .01-.47uF .15-3.3uF .68-2.2uF B 50V(63V) 1000pF-.01uF .01-.33uF .15-3.3uF .68-2.2uF B 100V 1000-6800pF .01-.15uF B 25V 1000pF-.022uF .01-1uF 1-4.7uF 1.5-3.3uF B 50V(63V) 1000pF-.022uF .01-1uF 1-4.7uF 1.5-3.3uF B 100V 1000pF-.01uF .01-.47uF B Voltage Size Dimensions CASE CODE/ CAPACITANCE, VOLTAGE, LEAD STYLE OPTIONS TABLE Note: Extended capacitance range values; special voltages, tolerances, lead spacing and forming may be available on factory approval. Lead Style Capacitance Range 1206 1210 1812 2225 8.5mm max. 7.5mm max. 5.0mm max. 10.5mm max. 10mm max. 6.5mm max. 5.5mm max. 6.0mm max. 4.5mm max. 6.5mm max. 7.5mm max. 5.0mm max. Case Code 4.1mm max. 3.8mm max. 3.2mm max. 0805 Series: Packaging: RNPO, RX7R, RY5V, RZ5U Voltage Code: Case Code: T - Taped 025 - 25V 05 - 0805 B - Bulk 050 - 50V 06 - 1206 Tolerance Code: J (5%) 063 - 63V 10 - 1210 Lead Style: K (10%) 100 - 100V 12 - 1812 A - 2.5mm M (20%) 25 - 2225 B - 5.0mm Z (-20/+80%) PART NUMBERING EXPLANATION Capacitor Value: 3 digit EIA Code Radial Leaded Series Features • COG(NPO) & X7R dielectrics in 25, 50 and 100 Volt rating. Y5V and Z5U in 25, 50, and 63 Volt rating. • Radial configuration with choice of 2 standard lead spacing. • Available in Bulk and Tape & Reel Packing (EIA Standard). L H T 7.0mm min. (0.28" min.) s s Style A Style B 0.5mm (0.02") Style A : s = 2.5± 0.5mm Style B : s = 5.0 ±0.5mm Sharma Ceramic Capacitors Page 8 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |
Similar Part No. - SZ5U1R5C010B1 |
|
Similar Description - SZ5U1R5C010B1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |