Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN3500D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PTN3500D
Description  Maintenance and control device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3500D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PTN3500D Datasheet HTML 6Page - NXP Semiconductors PTN3500D Datasheet HTML 7Page - NXP Semiconductors PTN3500D Datasheet HTML 8Page - NXP Semiconductors PTN3500D Datasheet HTML 9Page - NXP Semiconductors PTN3500D Datasheet HTML 10Page - NXP Semiconductors PTN3500D Datasheet HTML 11Page - NXP Semiconductors PTN3500D Datasheet HTML 12Page - NXP Semiconductors PTN3500D Datasheet HTML 13Page - NXP Semiconductors PTN3500D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Philips Semiconductors
Product specification
PTN3500
Maintenance and control device
2001 Jan 17
10
I2C-BUS TIMING CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
I2C-bus timing (see Figure 17; Note 1)
fSCL
SCL clock frequency
400
kHz
tSW
tolerable spike width on bus
50
ns
tBUF
bus free time
1.3
µs
tSU;STA
START condition set–up time
0.6
µs
tHD;STA
START condition hold time
0.6
µs
tr
SCL and SDA rise time
0.3
µs
tf
SCL and SDA fall time
0.3
µs
tSU;DAT
data set–up time
250
ns
tHD;DAT
data hold time
0
ns
tVD;DAT
SCL LOW to data out valid
1.0
µs
tSU;STO
STOP condition set–up time
0.6
µs
NOTE:
1. All the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL and VIH with an input
voltage swing of VSS to VDD.
handbook, full pagewidth
SCL
SDA
MBD820
BIT 0
LSB
(R/W)
t
HD;STA
t
SU;DAT
t
HD;DAT
t
VD;DAT
t
SU;STO
t
f
r
t
t
BUF
t
SU;STA
1 / f
SCL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
SW00561
PROTOCOL
Figure 17.


Similar Part No. - PTN3500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
PTN3501DH PHILIPS-PTN3501DH Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
More results

Similar Description - PTN3500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
   Installation, Operation and Maintenance Procedures
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
   Windows-compatible software control and device programming
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
73616 ETC2-73616 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
15006 ETC2-15006 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com