Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB32001X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PTB32001X
Description  NPN microwave power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTB32001X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PTB32001X Datasheet HTML 2Page - NXP Semiconductors PTB32001X Datasheet HTML 3Page - NXP Semiconductors PTB32001X Datasheet HTML 4Page - NXP Semiconductors PTB32001X Datasheet HTML 5Page - NXP Semiconductors PTB32001X Datasheet HTML 6Page - NXP Semiconductors PTB32001X Datasheet HTML 7Page - NXP Semiconductors PTB32001X Datasheet HTML 8Page - NXP Semiconductors PTB32001X Datasheet HTML 9Page - NXP Semiconductors PTB32001X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Feb 18
6
Philips Semiconductors
Product specification
NPN microwave power transistors
PTB32001X; PTB32003X;
PTB32005X
Fig.5 Prematching test circuit board for PTB32001X.
Dimensions in mm.
Thickness: 0.8 mm.
Permittivity:
εr = 2.55.
Substrate: circuits on a double copper-clad printed-circuit board Teflon fibreglass dielectric.
handbook, full pagewidth
100 pF
(ATC)
,,,,,,,
,,,,,,,
,,,,,,,
,
,
,
,,
,,
,
,
,
,
,,
,,
,
,,
,
,,
,
,
,,,,,,,,,
,,,,,,,,,
,
,,
,
,
,,
,,
,
,
,,
,,
,
,,
,,
,,
,,
8
4
2
0.8
3.7
30
input
10
4
30
19.3
2.2
output
MSA115
Fig.6 Prematching test circuit board for PTB32003X.
Dimensions in mm.
Thickness: 0.8 mm.
Permittivity:
εr = 2.55.
Substrate: circuits on a double copper-clad printed board Teflon fibre glass dielectric.
handbook, full pagewidth
input
output
100 pF
(ATC)
30
,,,,,,,,
,,,,,,,,
,,,,,,,,
,,,,,,,,
,,,,,,,,
,,,,,,,,
,,,,,,,,
,,,,,,,,
,
14.8
2.3
3.8
,
,,
,
,
,,
,,
,
,
,
10.5
17.4
2.3
8.8
,,
,,
,
,
,,
,
,
,
,
,,
,,
,,
,
,
,
30
2.3
0.8
3.1
9.4
MSA116


Similar Part No. - PTB32001X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
PTB32001X ASI-PTB32001X Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - PTB32001X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
LBE2003S PHILIPS-LBE2003S Datasheet
126Kb / 16P
   NPN microwave power transistors
1997 Mar 03
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com