Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33887EK Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCZ33887EK
Description  5.0 A H-Bridge with Load Current Feedback
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33887EK Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33887EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33887
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RESISTANCE (AND PACKAGE DISSIPATION) RATINGS (9)
, (10), (11), (12)
Junction-to-Board (Bottom Exposed Pad Soldered to Board)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJB
~7.0
~8.0
~9.0
°C/W
Junction-to-Ambient, Natural Convection, Single-Layer Board (1s) (13)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJA
~41
~50
~62
°C/W
Junction-to-Ambient, Natural Convection, Four-Layer Board (2s2p)
(14)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJMA
~18
~21
~23
°C/W
Junction-to-Case (Exposed Pad) (15)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJC
~0.8
~1.2
~2.0
°C/W
Notes
9
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heat sinking.
10
Exposed heatsink pad plus the power and ground pins comprise the main heat conduction paths. The actual RθJB (junction-to-PC board)
values will vary depending on solder thickness and composition and copper trace thickness. Maximum current at maximum die
temperature represents ~16 W of conduction loss heating in the diagonal pair of output MOSFETs. Therefore, the RθJC-total must be
less than 5.0 °C/W for maximum load at 70°C ambient. Module thermal design must be planned accordingly.
11
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
12
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
13
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board (JESD51-3) horizontal.
14
Per JEDEC JESD51-6 with the board horizontal.
15
Indicates the maximum thermal resistance between the die and the exposed pad surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
MAXIMUM RATINGS (continued)
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit


Similar Part No. - MCZ33887EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33887EK FREESCALE-MCZ33887EK Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
MCZ33887EKR2 FREESCALE-MCZ33887EKR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - MCZ33887EK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com