Electronic Components Datasheet Search |
|
MC33887VWR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MC33887VWR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 37 page Analog Integrated Circuit Device Data Freescale Semiconductor 11 33887 ELECTRICAL CHARACTERISTICS DYNAMIC ELECTRICAL CHARACTERISTICS DYNAMIC ELECTRICAL CHARACTERISTICS Table 5. DYNAMIC ELECTRICAL CHARACTERISTICS Characteristics noted under conditions 5.0 V ≤ V+ ≤ 28 V and -40 °C ≤ T A ≤ 125°C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted. Characteristic Symbol Min Typ Max Unit TIMING CHARACTERISTICS PWM Frequency (24) fPWM – 10 – kHz Maximum Switching Frequency During Active Current Limiting (25) fMAX – – 20 kHz Output ON Delay (26) V+ = 14 V tD(ON) – – 18 µs Output OFF Delay (26) V+ = 14 V tD(OFF) – – 18 µs ILIM Output Constant-OFF Time for Low-Side MOSFETs (27), (28) tA 15 20.5 26 µs ILIM Blanking Time for Low-Side MOSFETs (29), (28) tB 12 16.5 21 µs Output Rise and Fall Time (30) V+ = 14 V, IOUT = 3.0 A tF, tR 2.0 5.0 8.0 µs Disable Delay Time (31) tD(DISABLE) – – 8.0 µs Power-ON Delay Time (32) tPOD – 1.0 5.0 ms Wake-Up Delay Time (32) tWUD – 1.0 5.0 ms Output MOSFET Body Diode Reverse Recovery Time (33) tRR 100 – – ns Notes 24 The outputs can be PWM-controlled from an external source. This is typically done by holding one input high while applying a PWM pulse train to the other input. The maximum PWM frequency obtainable is a compromise between switching losses and switching frequency. See Typical Switching Waveforms, Figures 12 through 19, pp. 14–17. 25 The Maximum Switching Frequency during active current limiting is internally implemented. The internal current limit circuitry produces a constant-OFF-time pulse-width modulation of the output current. The output load’s inductance, capacitance, and resistance characteristics affect the total switching period (OFF-time + ON-time) and thus the PWM frequency during current limit. 26 Output Delay is the time duration from the midpoint of the IN1 or IN2 input signal to the 10% or 90% point (dependent on the transition direction) of the OUT1 or OUT2 signal. If the output is transitioning HIGH-to-LOW, the delay is from the midpoint of the input signal to the 90% point of the output response signal. If the output is transitioning LOW-to-HIGH, the delay is from the midpoint of the input signal to the 10% point of the output response signal. See Figure 6, page 12. 27 ILIM Output Constant-OFF Time is the time during which the internal constant-OFF time PWM current regulation circuit has tri-stated the output bridge. 28 Load currents ramping up to the current regulation threshold become limited at the ILIM value. The short circuit currents possess a di/dt that ramps up to the ISCH or ISCL threshold during the ILIM blanking time, registering as a short circuit event detection and causing the shutdown circuitry to force the output into an immediate tri-state latch-OFF. See Figures 10 and 11, page 13. Operation in Current Limit mode may cause junction temperatures to rise. Junction temperatures above ~160 °C will cause the output current limit threshold to progressively “fold back”, or decrease with temperature, until ~175 °C is reached, after which the T LIM thermal latch-OFF will occur. Permissible operation within this fold-back region is limited to nonrepetitive transient events of duration not to exceed 30 seconds. See Figure 9, page 12. 29 ILIM Blanking Time is the time during which the current regulation threshold is ignored so that the short-circuit detection threshold comparators my have time to act. 30 Rise Time is from the 10% to the 90% level and Fall Time is from the 90% to the 10% level of the output signal. See Figure 8, page 12. 31 Disable Delay Time is the time duration from the midpoint of the D (disable) input signal to 10% of the output tri-state response. See Figure 7, page 12. 32 Parameter has been characterized but not production tested. 33 Parameter is guaranteed by design but not production tested. |
Similar Part No. - MC33887VWR2 |
|
Similar Description - MC33887VWR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |