Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33886DHR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC33886DHR2
Description  5.0 A H-Bridge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33886DHR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33886DHR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33886DHR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33886
TYPICAL SWITCHING WAVEFORMS
TYPICAL SWITCHING WAVEFORMS
Important For all plots, the following applies:
•Ch2=2.0 A per division
•LLOAD=533 µH @ 1.0 kHz
•LLOAD=530 µH @ 10.0 kHz
•RLOAD=4.0 Ω
Figure 10. Output Voltage and Current vs. Input Voltage
at V+ = 24 V, PMW Frequency of 1.0 kHz,
and Duty Cycle of 10%
Figure 11. Output Voltage and Current vs. Input Voltage
at V+ = 24 V, PMW Frequency of 1.0 kHz,
and Duty Cycle of 50%
Figure 12. Output Voltage and Current vs. Input Voltage
at V+ = 34 V, PMW Frequency of 1.0 kHz,
and Duty Cycle of 90%, Showing Device in
Current Limiting Mode
Figure 13. Output Voltage and Current vs. Input Voltage
at V+ = 22 V, PMW Frequency of 1.0 kHz,
and Duty Cycle of 90%
V+=24 V
fPWM=1.0 kHz
Duty Cycle=10%
IOUT
Output Voltage
(OUT1)
Input Voltage
(IN1)
V+=24 V
fPWM=1.0 kHz
Duty Cycle=50%
IOUT
Output Voltage
(OUT1)
Input Voltage
(IN1)
V+=34 V
fPWM=1.0 kHz
Duty Cycle=90%
Output Voltage
(OUT1)
IOUT
Input Voltage
(IN1)
V+=22 V
fPWM=1.0 kHz
Duty Cycle=90%
IOUT
Output Voltage
(OUT1)
Input Voltage
(IN1)


Similar Part No. - MC33886DHR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886DHR2 MOTOROLA-MC33886DHR2 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
More results

Similar Description - MC33886DHR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com