Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33395TDWB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC33395TDWB
Description  Three-Phase Gate Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33395TDWB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33395TDWB Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33395TDWB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33395
PIN CONNECTIONS
22
MODE1
Input
Mode Control Bit 1
Input for mode control selection
23
MODE0
Input
Mode Control Bit 0
Input for mode control selection
24
HSE3
Input
High-Side Enable
Input for high-side enable logic, phase 3
25
HSE2
Input
High-Side Enable
Input for high-side enable logic, phase 2
26
HSE1
Input
High-Side Enable
Input for high-side enable logic, phase 1
27
LSE3
Input
Low-Side Enable
Input for low-side enable logic, phase 3
28
LSE2
Input
Low-Side Enable
Input for low-side enable logic, phase 2
29
LSE1
Input
Low-Side Enable
Input for low-side enable logic, phase 1
30
CP1L
Input
External Pump
Capacitor
Input from external pump capacitor for charge pump and secondary pins
31
CP1H
Input
External Pump
Capacitor
Input from external pump capacitor for charge pump and secondary pins
32
CP2L
Input
Charge Pump
Capacitor
Input from external reservoir, external pump capacitors for charge pump,
and secondary pins
Table 1. 33395 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 9.
Pin Number
Pin Name
Pin Function
Formal Name
Definition


Similar Part No. - MC33395TDWB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395TDWB/R2 MOTOROLA-MC33395TDWB/R2 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
More results

Similar Description - MC33395TDWB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com