Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2022TB Datasheet(PDF) 7 Page - California Eastern Labs

Part # UPG2022TB
Description  4.8 TO 5.85 GHz HIGH POWER GaAs MMIC SPDT SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2022TB Datasheet(HTML) 7 Page - California Eastern Labs

  UPG2022TB Datasheet HTML 1Page - California Eastern Labs UPG2022TB Datasheet HTML 2Page - California Eastern Labs UPG2022TB Datasheet HTML 3Page - California Eastern Labs UPG2022TB Datasheet HTML 4Page - California Eastern Labs UPG2022TB Datasheet HTML 5Page - California Eastern Labs UPG2022TB Datasheet HTML 6Page - California Eastern Labs UPG2022TB Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Similar Part No. - UPG2022TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2022TB RENESAS-UPG2022TB Datasheet
213Kb / 10P
   GaAs INTEGRATED CIRCUIT
2004
UPG2022TB-E4 RENESAS-UPG2022TB-E4 Datasheet
213Kb / 10P
   GaAs INTEGRATED CIRCUIT
2004
More results

Similar Description - UPG2022TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2022T5G CEL-UPG2022T5G Datasheet
331Kb / 7P
   4.8 TO 5.85 GHz HIGH POWER GaAs MMIC SPDT SWITCH
logo
Stanford Microdevices
SSW-408 STANFORD-SSW-408 Datasheet
104Kb / 2P
   DC-4 GHz High Power GaAs MMIC SPDT Switch
logo
Analog Devices
HMC986A AD-HMC986A Datasheet
324Kb / 11P
   0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD Datasheet
397Kb / 3P
   0.5 to 18 GHz GaAs pHEMT MMIC SPDT Switch
logo
Analog Devices
HMC221B AD-HMC221B Datasheet
265Kb / 9P
   GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com