Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2010TB Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPG2010TB
Description  HIGH POWER SINGLE CONTROL L-BAND SPDT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2010TB Datasheet(HTML) 2 Page - California Eastern Labs

  UPG2010TB Datasheet HTML 1Page - California Eastern Labs UPG2010TB Datasheet HTML 2Page - California Eastern Labs UPG2010TB Datasheet HTML 3Page - California Eastern Labs UPG2010TB Datasheet HTML 4Page - California Eastern Labs UPG2010TB Datasheet HTML 5Page - California Eastern Labs UPG2010TB Datasheet HTML 6Page - California Eastern Labs UPG2010TB Datasheet HTML 7Page - California Eastern Labs UPG2010TB Datasheet HTML 8Page - California Eastern Labs UPG2010TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UPG2010TB
ABSOLUTE MAXIMUM RATINGS (TA= 25°C, unless otherwise specified)
RECOMMENDED OPERATING RANGE (TA= 25°C, unless otherwise specified)
Pin No.
Pin Name
1
OUTPUT1
2
GND
3
OUTPUT2
4
VCont
5
INPUT
6
VDD
TRUTH TABLE
Vcont1
INPUT−OUTPUT1
INPUT−OUTPUT2
Low
ON
OFF
High
OFF
ON
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
6.0
V
Switch Control Voltage
Vcont
6.0
V
Input Power
Pin
+36
dBm
Power Dissipation
PD
150 Note
mW
Operating Ambient Temperature
TA
45 to +85
°
C
Storage Temperature
Tstg
55 to +150
°
C
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Switch Voltage
VDD
2.7
2.8
3.0
V
Switch Control Voltage (H)
Vcont (H)
2.7
2.8
3.0
V
Switch Control Voltage (L)
Vcont (L)
0.2
0
0.2
V
1
2
3
6
5
4
(Top View)
1
2
3
6
5
4
(Top View)
6
5
4
1
2
3
(Bottom View)
Note Mounted on double-sided copper-clad 50 × 50 × 1.6 mm epoxy glass PWB, TA = +85°C


Similar Part No. - UPG2010TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2010TB NEC-UPG2010TB Datasheet
89Kb / 11P
   L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2010TB RENESAS-UPG2010TB Datasheet
369Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
logo
NEC
UPG2010TB-E3 NEC-UPG2010TB-E3 Datasheet
89Kb / 11P
   L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2010TB-E3 RENESAS-UPG2010TB-E3 Datasheet
369Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
More results

Similar Description - UPG2010TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
   L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
NEC
UPG2156TB NEC-UPG2156TB Datasheet
97Kb / 8P
   L-BAND 4 W SINGLE CONTROL HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2012TK CEL-UPG2012TK Datasheet
363Kb / 8P
   W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2015TB CEL-UPG2015TB Datasheet
310Kb / 10P
   1W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
NEC
UPG2009TB NEC-UPG2009TB_1 Datasheet
86Kb / 10P
   L-BAND HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2009TB CEL-UPG2009TB_09 Datasheet
1Mb / 9P
   L-BAND HIGH POWER SPDT SWITCH
logo
Renesas Technology Corp
PG2009TB RENESAS-PG2009TB_15 Datasheet
208Kb / 12P
   L-BAND HIGH POWER SPDT SWITCH
logo
NEC
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB Datasheet
120Kb / 7P
   NECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2009TB CEL-UPG2009TB Datasheet
547Kb / 9P
   L, S-Band HIGH POWER SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com