Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33388D Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC33388D
Description  Fault Tolerant CAN Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33388D Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33388D Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MC33388
MOTOROLA
4
MC33388
CANL Output Voltage, Dominant
TX = 0V; I CANL = 40mA; Normal Operating Mode
VCANL
1.4
V
CANH Output Current (VCANH = 0 ; TX = 0)
ICANH
50
75
100
mA
CANL Output Current (VCANL = 14V; TX = 0)
ICANL
50
90
130
mA
Detection Threshold For Short-circuit To Battery Voltage
(Normal Mode)
VCANH, VCANL
7.3
7.9
8.9
V
Detection Threshold For Short-circuit To Battery Voltage
(Standby/Sleep Mode)
VCANH
VBAT/2 +3
VBAT /2+5
V
CANH Output Current (Sleep Mode; VCANH = 12V, Failure3)
5
10
µA
CANL Output Current (Sleep Mode ; VCANL = 0V ;
VBAT = 12V, Failure 4)
ICANL
0
2
µA
CANL Wake Up Voltage Threshold
Vwake,L
2.5
3.3
3.9
V
CANH Wake Up Voltage Threshold
Vwake,H
1.2
2
2.7
V
Wake Up Threshold Difference (Hysteresis)
VwakeL-VwakeH
0.2
V
CANH Single Ended Receiver Threshold (Failures 4, 6, 7)
VSE, CANH
1.5
1.85
2.15
V
CANL Single Ended Receiver Threshold (Failures 3, 8)
VSE, CANL
2.8
3.05
3.4
V
CANL Pull Up Current (Normal Mode, Failures 4, 6 and 7)
ICANL,pu
45
75
90
µA
CANH Pull Down Current (Normal Mode, Failure 3)
ICANH,pd
45
75
90
µA
Receiver Differential Input Impedance CANH / CANL
Rdiff
100
180
k
Differential Receiver Common Mode Voltage Range
Vcom
-10
10
V
CANH To Ground Capacitance
CCANH
50
pF
CANL To Ground Capacitance
CCANL
50
pF
CCANL to CCANH Capacitor Difference (Absolute Value)
DCcan
10
pF
RTH, RTL Pins
RTL to VDD Switch On Resistance (Iout < -10mA; Normal
Operating Mode)
Rrtl
10
30
50
RTL to BAT Switch Series Resistance (VBAT Standby Mode
Or Sleep Mode)
Rrtl
8
12.5
20
k
RTH To Ground Switch On Resistance (Iout <10mA; Normal
Operating Mode)
Rrth
10
25
50
Thermal Shutdown
Shutdown Temperature
Tsd
165
°C
ELECTRICAL CHARACTERISTICS V
DD = 4,75 to 5,25 ; VBAT=6 to 27V ; Tamb = -40 to 125°C unless otherwise specified
Conditions
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33388D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33388D MOTOROLA-MC33388D Datasheet
454Kb / 28P
   Fault Tolerant CAN Interface
More results

Similar Description - MC33388D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33388 MOTOROLA-MC33388 Datasheet
454Kb / 28P
   Fault Tolerant CAN Interface
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
Infineon Technologies A...
TLE6262G INFINEON-TLE6262G Datasheet
809Kb / 38P
   Fault Tolerant CAN - LDO
version 2.03 2002-03-20
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com