Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG183GR Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPG183GR
Description  GaAs MMIC DBS 4X2 IF SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG183GR Datasheet(HTML) 3 Page - California Eastern Labs

  UPG183GR Datasheet HTML 1Page - California Eastern Labs UPG183GR Datasheet HTML 2Page - California Eastern Labs UPG183GR Datasheet HTML 3Page - California Eastern Labs UPG183GR Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UPG183GR
PART NUMBER
PACKAGE
QUANTITY
UPG183GR-E1-A
16-pin Plastic HTSSOP
Qty. 3k pcs/Reel
ORDERING INFORMATION
Notes:
1. Carrier tape, 12 mm wide.
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
02/01/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE
PIN NO.
CONNECTION
PIN NO.
CONNECTION
1
IN-C
9
OUT1
2
GND
10
VCONT4
3
IN-D
11
VCONT3
4VCONT5
12
VCONT2
5VCONT6
13
VCONT1
6VCONT7
14
IN-A
7VCONT8
15
GND
8
OUT2
16
IN-B
PIN CONNECTION AND INTERNAL
BLOCK DIAGRAM
TOP VIEW
16 15 14 13 12 11 10
9
12
3
4
5
6
7
8
SW
SW
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.


Similar Part No. - UPG183GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPG183GR NEC-UPG183GR Datasheet
55Kb / 3P
   GaAs MMIC DBS 4X2 IF SWITCH
logo
Renesas Technology Corp
UPG183GR RENESAS-UPG183GR Datasheet
223Kb / 14P
   GaAs INTEGRATED CIRCUIT
2000
logo
NEC
UPG183GR-E1 NEC-UPG183GR-E1 Datasheet
55Kb / 3P
   GaAs MMIC DBS 4X2 IF SWITCH
logo
Renesas Technology Corp
UPG183GR-E1 RENESAS-UPG183GR-E1 Datasheet
223Kb / 14P
   GaAs INTEGRATED CIRCUIT
2000
More results

Similar Description - UPG183GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPG183GR NEC-UPG183GR Datasheet
55Kb / 3P
   GaAs MMIC DBS 4X2 IF SWITCH
logo
California Eastern Labs
UPG181GR CEL-UPG181GR Datasheet
148Kb / 4P
   GaAs MMIC DBS TWIN IF SWITCH
logo
NEC
UPG181GR NEC-UPG181GR Datasheet
56Kb / 12P
   GaAs MMIC DBS Twin IF Switch
UPG2050GR NEC-UPG2050GR Datasheet
23Kb / 2P
   GaAs MMIC DBS TWIN IF SWITCH AMLIFIER
UPG2053K NEC-UPG2053K Datasheet
104Kb / 12P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
UPG2054K NEC-UPG2054K Datasheet
144Kb / 14P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com