Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33291LEG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCZ33291LEG
Description  Eight-Output Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33291LEG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33291LEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33291L
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 4. Valid Data Delay Time and
Valid Time Test Circuit
Figure 5. Enable and Disable Time Test Circuit
Figure 6. Valid Data Delay Time and
Valid Time Waveforms
Figure 7. Enable and Disable Time Waveforms
VDD = 5.0 V
SCLK
SO
CL = 200 pF
33291L
Under
Test
CL represents the total capacitance of the test fixture and probe.
CS
SO
CL = 20 pF
33291L
Under
Test
VDD = 5.0 V
VPull-Up = 2.5 V
RL = 1.0 kΩ
CL represents the total capacitance of the test fixture and probe.
SCLK
SO
SO
(Low-to-High)
(High-to-Low)
tVALID
tDLY(LH)
tDLY(HL)
0.2 VDD
0.7 VDD
tR(SO)
tF(SO)
0.7 VDD
0.2 VDD
0.7 VDD
50%
0.2 VDD
0
tR(SI)
< 50 ns
< 50 ns
tF(SI)
5.0 V
VOH
VOL
VOH
VOL
SO (Low-to-High) is for an output with internal conditions such that
the low-to-high transition of CS causes the SO output to switch from
high to low.
90%
10%
10%
10%
90%
90%
CS
SO
SO
(High-to-Low)
(Low-to-High)
0.2 VDD
0.7 VDD
< 50 ns
< 50 ns
tR(SI)
tF(SI)
tSO(EN)
tSO(DIS)
tSO(EN)
tSO(DIS)
VTri-State
5.0 V
0
tSO(dis
VTri-State
VOH
1. SO (high-to-low) waveform is for SO output with internal conditions such
that SO output is low except when an output is disabled as a result of de-
tecting a circuit fault with CS in a High Logic state; e.g., open load.
2. SO (low-to-high) waveform is for SO output with internal conditions such
that SO output is high except when an output is disabled as a result of de-
tecting a circuit fault with CS in a High Logic state; e.g., shortened load.


Similar Part No. - MCZ33291LEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33291LEG FREESCALE-MCZ33291LEG Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MCZ33291LEGR2 FREESCALE-MCZ33291LEGR2 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Similar Description - MCZ33291LEG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com