Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8567SAM606-BC Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8567SAM606-BC
Description  EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8567SAM606-BC Datasheet(HTML) 4 Page - California Eastern Labs

  NX8567SAM606-BC Datasheet HTML 1Page - California Eastern Labs NX8567SAM606-BC Datasheet HTML 2Page - California Eastern Labs NX8567SAM606-BC Datasheet HTML 3Page - California Eastern Labs NX8567SAM606-BC Datasheet HTML 4Page - California Eastern Labs NX8567SAM606-BC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ORDERING INFORMATION
NX8567SA SERIES
Wavelength Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
Wavelength Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
287
1528.773
196.10
457
1545.720
193.95
291
1529.163
196.05
461
1546.119
193.90
295
1529.553
196.00
465
1546.518
193.85
299
1529.553
195.95
469
1546.917
193.80
303
1530.334
195.90
473
1547.316
193.70
307
1530.725
195.85
477
1547.715
193.70
311
1531.116
195.80
485
1548.515
193.60
315
1531.507
195.75
489
1548.915
193.55
318
1531.898
195.70
493
1549.315
193.50
322
1532.290
195.65
497
1549.715
193.45
326
1532.681
195.60
501
1550.116
193.40
330
1533.073
195.55
505
1550.517
193.35
334
1533.465
195.50
509
1550.918
193.30
338
1533.073
195.45
513
1551.319
193.25
342
1534.250
195.40
517
1551.721
193.20
346
1534.643
195.35
521
1552.122
193.15
350
1535.036
195.30
525
1552.524
193.10
354
1535.429
195.25
529
1552.926
193.05
358
1535.822
195.20
533
1553.329
193.00
362
1536.216
195.15
537
1553.731
192.95
366
1536.643
195.10
541
1554.134
192.90
370
1537.003
195.05
545
1554.537
192.85
373
1537.397
195.00
549
1554.940
192.80
377
1537.792
194.95
553
1555.343
192.75
381
1538.186
194.90
557
1555.747
192.70
385
1538.581
194.85
561
1556.151
192.65
389
1538.976
194.80
565
1556.555
192.60
393
1539.371
194.75
569
1556.959
192.55
397
1539.766
194.70
573
1557.363
192.50
401
1540.162
194.65
577
1557.768
192.45
405
1540.557
194.60
581
1558.173
192.40
409
1540.953
194.55
585
1558.578
192.30
413
1541.349
194.50
589
1558.983
192.30
417
1541.746
194.45
593
1559.389
192.25
421
1542.142
194.40
597
1559.794
192.20
425
1542.539
194.35
602
1560.200
192.15
429
1542.936
194.30
606
1560.606
192.10
433
1543.333
194.25
610
1561.013
192.05
437
1543.730
194.20
614
1561.419
192.00
441
1544.128
194.15
618
1561.826
191.95
445
1544.526
194.10
622
1562.233
191.90
449
1544.924
194.05
626
1562.640
191.85
453
1545.322
194.00
630
1563.047
191.80
TABLE A: DWDM wavelengths based on ITU-T recommendations (@ TLD = Tset)
Note:
1. λ monitor slope: Channel frequency for 191.80 THz + 2n × 0.05 THz is assigned on negative slope.
Channel frequency for 191.80 THz + (2n + 1) × 0.05 THz is assigned on positive slope.
n is a positive integer including zero.
NX8567SA
-
CC : SC-UPC connector (standard)
BC : FC-UPC connector (option)
Wavelength code : Refer to Table A
Without : 600 km (10800 ps/nm)
M
: 360 km (6480 ps/nm)
S
: 240 km (4320 ps/nm)


Similar Part No. - NX8567SAM606-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8567SAM287-BC RENESAS-NX8567SAM287-BC Datasheet
267Kb / 14P
   LASER DIODE
2003
NX8567SAM287-CC RENESAS-NX8567SAM287-CC Datasheet
267Kb / 14P
   LASER DIODE
2003
NX8567SAM291-BC RENESAS-NX8567SAM291-BC Datasheet
267Kb / 14P
   LASER DIODE
2003
NX8567SAM291-CC RENESAS-NX8567SAM291-CC Datasheet
267Kb / 14P
   LASER DIODE
2003
NX8567SAM295-BC RENESAS-NX8567SAM295-BC Datasheet
267Kb / 14P
   LASER DIODE
2003
More results

Similar Description - NX8567SAM606-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com