Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33288 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33288 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33288
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Charactersitics
Characteristics noted under conditions 4.5 V VDD 5.5 V, 9.0 V VPWR 16 V, -40°C TA 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Nominal Operating Voltage
VBAT
9
16
V
Functional Operating Voltage
VBAT
8
35
V
Under Voltage Threshold
VµV
6
7
8
V
VBAT Standby Supply Current
VBAT < 14 V and VIN = 0 V, TJ < 125°C
ISTDBY
1
10
µA
Supply Current in ON State
IN1 and IN2 @ 3.5 V, no fault, VBAT < 14 V, TJ < 125°C
ION
8
20
mA
Drain to Source on Resistance
IOUT = 4.0 A, VBAT > 9.0 V and TJ = 25°C
RDSON
20
25
m
Drain to Source on Resistance
IOUT = 4.0 A, VBAT > 9.0 V and TJ = 150°C
RDSON
30
40
m
High Current Limitation
VOUT > 1.0 V
ILIM
30
A
Short Circuit limitation
VOUT < 1.0 V, TJ = 25°C
ILIM
4
A
Hot Openload Threshold
IOL
1
A
VBAT to Output Breakdown Voltage
IN1 and IN2 @ 0 V, VOUT = 0 V, IOUT -0.25 mA
VDSS
40
A
VBAT to OUT1 : Leakage Current
VIN1 = 0 V, VBAT = 35 V, VOUT1 = 0 V
IOUT-LEAK
10
µA
VBAT to OUT2 : Leakage Current
VIN2 = 0 V, VBAT = 35 V, VOUT2 = 0 V
IOUT-LEAK
10
µA
VIN1, VIN2 : Input Voltage Low Threshold
VIL
1.5
V
VIN1, VIN2 : Input Voltage High Threshold
VIH
3.5
V
VIN1, VIN2 : Input Voltage Hysteresis
VIH
0.4
0.7
0.9
V
VIN1, VIN2 : Input Current
VIN1, VIN2 = 3.5 V
IIN
18
40
µA
Status Output Voltage
Ist = 1 mA; Output in Fault
Vst
0.5
V
Thermal Shutdown
TSHUT
150
°C
Thermal Shutdown Hysteresis
THYST
10
°C


Similar Part No. - 33288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3328 ETC-3328 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3328 HEYCO-3328 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
KR Electronics, Inc.
3328-SMA KR-3328-SMA Datasheet
57Kb / 3P
   865 MHz Bandpass Filter
logo
Freescale Semiconductor...
33285 FREESCALE-33285 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
logo
Winchester Electronics ...
3328505 WINCHESTER-3328505 Datasheet
378Kb / 6P
   Between Series Adapters
More results

Similar Description - 33288

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
   Solid State Relay for Automotive Flasher Applications
logo
Hongfa Technology
HF3631 HONGFA-HF3631 Datasheet
123Kb / 2P
   AUTOMOTIVE SOLID STATE RELAY
HF3628 HONGFA-HF3628 Datasheet
140Kb / 6P
   Automotive solid state relay
logo
Fujitsu Component Limit...
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
logo
Broadcom Corporation.
ASSR-601JV BOARDCOM-ASSR-601JV Datasheet
1Mb / 12P
   Automotive Solid State Relay with R2CouplerTM Isolation
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com