Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN070-200P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN070-200P
Description  N-channel TrenchMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN070-200P Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN070-200P Datasheet HTML 1Page - NXP Semiconductors PSMN070-200P Datasheet HTML 2Page - NXP Semiconductors PSMN070-200P Datasheet HTML 3Page - NXP Semiconductors PSMN070-200P Datasheet HTML 4Page - NXP Semiconductors PSMN070-200P Datasheet HTML 5Page - NXP Semiconductors PSMN070-200P Datasheet HTML 6Page - NXP Semiconductors PSMN070-200P Datasheet HTML 7Page - NXP Semiconductors PSMN070-200P Datasheet HTML 8Page - NXP Semiconductors PSMN070-200P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
August 1999
3
Rev 1.000
Philips Semiconductors
Product specification
PSMN070-200B; PSMN070-200P
N-channel TrenchMOS(TM) transistor
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 35 A;
-
462
mJ
energy
t
p = 100 µs; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V; refer
to fig:15
I
AS
Non-repetitive avalanche
-
35
A
current
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction
-
0.6
K/W
to mounting base
R
th j-a
Thermal resistance junction
SOT78 package, in free air
60
-
K/W
to ambient
SOT404 package, pcb mounted, minimum
50
-
K/W
footprint
ELECTRICAL CHARACTERISTICS
T
j= 25˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA;
200
-
-
V
voltage
T
j = -55˚C
178
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2.0
3.0
4.0
V
T
j = 175˚C
1.0
-
-
V
T
j = -55˚C
-
-
6
V
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 17 A
-
60
70
m
resistance
T
j = 175˚C
-
-
203
m
I
GSS
Gate source leakage current V
GS = ±10 V; VDS = 0 V
-
2
100
nA
I
DSS
Zero gate voltage drain
V
DS = 200 V; VGS = 0 V;
-
0.05
10
µA
current
T
j = 175˚C
-
-
500
µA
Q
g(tot)
Total gate charge
I
D = 35 A; VDD = 160 V; VGS = 10 V
-
77
-
nC
Q
gs
Gate-source charge
-
16
-
nC
Q
gd
Gate-drain (Miller) charge
-
28
-
nC
t
d on
Turn-on delay time
V
DD = 100 V; RD = 2.7 Ω;
-
22
-
ns
t
r
Turn-on rise time
V
GS = 10 V; RG = 5.6 Ω
-
100
-
ns
t
d off
Turn-off delay time
Resistive load
-
80
-
ns
t
f
Turn-off fall time
-
90
-
ns
L
d
Internal drain inductance
Measured from tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
(SOT78 package only)
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
4570
-
pF
C
oss
Output capacitance
-
370
-
pF
C
rss
Feedback capacitance
-
160
-
pF


Similar Part No. - PSMN070-200P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN070-200P PHILIPS-PSMN070-200P Datasheet
149Kb / 12P
   N-channel TrenchMOS transistor
August 1999
logo
VBsemi Electronics Co.,...
PSMN070-200P VBSEMI-PSMN070-200P Datasheet
940Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PSMN070-200P NEXPERIA-PSMN070-200P Datasheet
768Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04 - 14 December 2010
More results

Similar Description - PSMN070-200P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com