Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33198EFR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCZ33198EFR2
Description  Automotive High-Side TMOS Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33198EFR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33198EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33198
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 4. Timing Measurements Test Schematic
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Parameter
Vcc = 7.0V
Vcc = 14V
Vcc = 21V
Unit
TYPICAL RISE TIME (TR) VERSUS GATE EXTERNAL CAPACITOR LOAD AND SUPPLY VOLTAGE (REFER TO Figure 4)
C = 1.0nF
15
7.0
10
µs
C = 3.0nF
60
25
40
µs
C = 10nF
140
80
90
µs
C = 30nF
730
270
340
µs
TYPICAL FALL TIME (TF) VERSUS GATE EXTERNAL CAPACITOR LOAD AND SUPPLY VOLTAGE (REFER TO Figure 4)
C = 1.0nF
150
230
280
µs
C = 3.0nF
430
800
950
µs
C = 10nF
1200
2300
2750
µs
C = 30nF
4800
8000
9200
µs
10%
90%
C
51
4
2
3
8
6
7
Vcc
INPUT
GATE
SRC
DRN
VCC
STATUS
TIMER
GND
0V
5V
INPUT Pin 7
GATE Pin 4
+ 15V)
t
R
t
F
Typically (V
CC


Similar Part No. - MCZ33198EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199R2 FREESCALE-MCZ33199R2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Similar Description - MCZ33198EFR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
   High-Side Automotive Gate Driver IC
December-2017, Rev. 3
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
   Automotive Quad Low Side Driver
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com