Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33099EGR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33099EGR2
Description  Adaptive Alternator Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33099EGR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33099EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33099EGR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33099
TYPICAL APPLICATIONS
for the VDD regulator and activates all other voltage
regulators and bias currents. After engine start, the LRC
mode is activated, independent of the phase frequency or
independent of a Wide Open Throttle condition. When the
battery system voltage increases to Vset, the regulator
resumes the normal operational mode. After switching the
ignition switch to the OFF position, voltage Vign decreases
below voltage VTign, causing the comparator Cign to provide
an ignition-OFF signal to the Ignition Delay Circuit. After
phase frequency fph < f1 due to ignition turn OFF, supply
currents and voltages are reduced in the regulator to provide
the standby drain current drain. However, voltage VDD for
logic and voltage Vref for reference voltages remain active to
be able to sense an ignition input voltage.
In some applications, the ignition input is connected to the
low side of the fault lamp as shown in Figure 4, page 9. When
the lamp driver circuitry is generating a lamp ON signal, a
lamp polling signal causes the Lamp Drain output to be
periodically GATED OFF. As a result, voltage Vign > VTign
during the lamp OFF polling period, causing comparator Cign
to periodically provides an ignition-ON signal to the Ignition
Delay Circuit. During the Lamp On condition, the Ignition
Delay Circuit provides a minimum ignition turn-off delay
(tid(off)) such that all currents and regulator voltages remain
ON between the Lamp Off polling pulses.
BATTERY AND ALTERNATOR OUTPUT VOLTAGE
SENSING
The system battery voltage is directly sensed by the
REMOTE input using a remote wire as a Kelvin connection.
The Remote input resistance (Rrem) at the REMOTE input is
typically 68 k
Ω. The voltage at the Remote Sense input (V
rs)
is a ratioed value of the Remote voltage (Vrem). The intended
ratio of Vrem/Vrs is about 7.45. The BAT pin voltage (Vbat) is
also sensed as an internal Local voltage (Vl). A Local Sense
voltage (Vls) is a ratioed value of voltage Vl, where the
intended ratio of Vl/Vls is also 7.45. The Local internal
connection is provided for fault protection against the remote
wire being grounded or exhibiting a high remote wire
resistance due to being disconnected or due to a corrosive or
loose connection. Thus the Local connection ensures that
alternator regulation of the system voltage continues in well-
defined states for all possible Remote input fault conditions.
LOCAL AND REMOTE VOLTAGE PROCESSING
AND SWITCHING
During Remote operation both the external Remote input
connection and internal Local connection senses
approximately the same regulated system voltage of Vset =
14.8 V. For this case, voltages Vrs and Vls are approximately
2.0 V. Because the remote switching comparator Crs is
referenced to 0.6 V, both switches S1 and S2 are OPEN and
remain open when voltage Vrs > 0.6 V or when voltage Vrem
is greater than the remote loss threshold voltage (VTrem).
Voltage Vrs is coupled to the input of a unity-gain combiner/
buffer CB1. Voltage Vls is buffered and coupled to the output
of a unity-gain Local Buffer (LB) and ratioed by the R5 /
(R4+R5) resistor divider to provide an input voltage to a unity-
gain combiner/buffer CB2. Thus the voltage at the input of
the combiner CB2 is normally 0.8 Vls (or 1.6 V typically),
while voltage Vrs on the input of CB1 is typically 2.0 V.
Because voltage Vo reflects the highest voltage at the input
of either combiner, voltage Vo will be voltage Vrs in Remote
operation with Remote connected to Vbat. For this case,
voltage Vrs is filtered by a 300 Hz low-pass filter and
translated to the FB buffer output. Voltage Vrs at the FB buffer
output is then compared to a digital-to-analog converter
output voltage ramp (Vdac) for duty cycle regulation.
During a Remote fault condition when the remote sense
line is OPEN or grounded, voltage Vrs at the Remote Sense
input will be zero, causing comparator Crs to activate
switches S1 and S2 to a CLOSED position. As a result,
voltage Vls is coupled through buffer LB directly to the input
of combiner CB2. Because the voltage Vls on the input of
combiner CB2 is greater than voltage Vrs (= 0 V) on the input
of combiner CB1, voltage Vls is coupled to the output of the
combiners as voltage Vo. Thus in this fault case, voltage Vls
is filtered and translated to the FB buffer output for being
compared to voltage ramp Vdac for regulation.
During a remote fault condition in which the resistance of
the Remote sense wire increases due to the corrosion or a
loose connection, a finite external remote fault resistance
occurs causing voltage Vrem to decrease, but voltage Vrem
remains greater than voltage VTrem. As a result, switches S1
and S2 remain in an OPEN condition, while the system
voltage will increase due to the effective increase in the
Remote resistor divider ratio. As a result, voltage Vl increases
until the voltage at the input of combiner CB2 is
approximately 2.0 V, or Vls is about 1.2 (2.0 V), or 2.25 V due
to the R4 /R5 divider ratio. Because the local divider ratio
translates voltage Vls to Vbat by about factor 7.4, the final
regulated output voltage for this condition is 7.4 (2.25), or
18.5 V. This is the secondary regulation voltage (Vset2).
When the system voltage increases to the Overvoltage
Threshold (VTov), a fault indication occurs by the lamp. Thus
this particular Remote fault condition produces a fault
indication, but regulates to prevent an extreme system
overvoltage condition. When the Remote fault resistance
becomes great enough to cause voltage Vrem < VTrem, the
regulated system voltage returns to the local regulation as
described for an OPEN or grounded Remote input.
INTERNAL CLOCK OSCILLATOR AND 8-BIT
COUNTER
An internal clock oscillator is provided having a typical
oscillation frequency (fosc) of 101 kHz. The output of the
oscillator is coupled to an 8-bit counter that provides
8 counting bits to the logic and the four most significant
counting bits (MSB) to the LRC circuitry and to a digital-to-
analog converter (DAC) waveform generator. The output
MSB frequency (fmsb) of the 8-bit divider is about 395 Hz
(fmsb = fosc /256), which determines the PWM frequency at
the GATE output. An external LRC TEST pin is provided for
accelerating internal testing of the LRC function and logic.
Under normal operation, the LRC TEST pin is grounded by
an internal 10 k
Ω resistance to ground. Under accelerated
test conditions, the LRC TEST voltage is 5.0 V, and a fourth
bit (fosc /16) from the 8-bit divider is used to determine the


Similar Part No. - MCZ33099EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33198EF FREESCALE-MCZ33198EF Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33198EFR2 FREESCALE-MCZ33198EFR2 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Similar Description - MCZ33099EGR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
   Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
   Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com