Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWS472M50V16X25F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRWS472M50V16X25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWS472M50V16X25F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRWS472M50V16X25F Datasheet HTML 1Page - NIC-Components Corp. NRWS472M50V16X25F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
72
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
73
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
LEAD SPACING AND DIAMETER (mm)
NRWS Series
STANDARD PRODUCT AND CASE SIZE TABLE D φ x L (mm)
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
RIPPLE CURRENT CORRECTION FACTORS
dφ ± 0.05
Insulation Sleeve
F ± 0.5
Dφ ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
PART NUMBER SYSTEM
NRWS 101 M 35V 6.3X11 F .
RoHS Compliant
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Cap. (µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
0.1
R10
-
-
-
-
-
5x11
-
-
0.22
R22
-
-
-
-
-
5x11
-
-
0.33
R33
-
-
-
-
-
5x11
-
-
0.47
R47
-
-
-
-
-
5x11
5x11
-
1.0
1R0
-
-
-
-
-
5x11
5x11
-
2.2
2R2
-
-
-
-
-
5x11
5x11
-
3.3
3R3
-
-
-
-
-
5x11
5x11
-
4.7
4R7
-
-
-
-
-
5x11
5x11
-
10
100
-
-
-
-
-
5x11
5x11
-
22
220
-
-
-
-
-
5x11
5x11
8x11.5
33
330
-
-
-
-
5x11
5x11
6.3x11
8x12.5
47
470
-
-
-
5x11
5x11
6.3x11
6.3x11
10x12.5
100
101
-
5x11
5x11
6.3x11
6.3x11
8x11.5
8x12.5
10x20
220
221
5x11
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
12.5x25
330
331
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
10x20
16x25
470
471
6.3x11
6.3x11
8x11.5
10x12.5
10x16
10x20
12.5x20
16x31
1,000
102
8x11.5
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
-
2,200
222
10x16
10x20
12.5x20
12.5x25
16x25
16x31
-
-
3,300
332
10x20
12.5x20
12.5x25
16x25
16x35
18x36
-
-
4,700
472
12.5x20
12.5x25
16x25
16x31
18x36
-
-
-
6,800
682
12.5x25
16x25
16x31
18x36
-
-
-
-
10,000
103
16x25
16x31
18x36
-
-
-
-
-
15,000
153
16x36
18x36
-
-
-
-
-
-
Case Dia. (D
Case Dia. (D
Case Dia. (Dφφφ)))
5
6.3
8
10 12.5 16
18
Lead Dia. (D
Lead Dia. (Dφφ))
0.5 0.5 0.6 0.6 0.6 0.8 0.8
Lead Spacing (F)
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5
Dim. α
0.5 0.5 0.5 0.5 0.5 0.5 0.5
Cap. (µF)
Frequency (Hz)
Frequency (Hz)
100
1K
10K ~
~ 47
0.50
0.80
1.0
> 47 ~ 220
0.55
0.85
1.0
> 220 ~ 1,000
0.65
0.90
1.0
> 1,000
0.75
0.90
1.0


Similar Part No. - NRWS472M50V16X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWS472M10V125x25F NIC-NRWS472M10V125x25F Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRWS472M16V16x25F NIC-NRWS472M16V16x25F Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRWS472M25V16x31F NIC-NRWS472M25V16x31F Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRWS472M35V18x36F NIC-NRWS472M35V18x36F Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRWS472M63V125x20F NIC-NRWS472M63V125x20F Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWS472M50V16X25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com