Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN063-150D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN063-150D
Description  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN063-150D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN063-150D Datasheet HTML 4Page - NXP Semiconductors PSMN063-150D Datasheet HTML 5Page - NXP Semiconductors PSMN063-150D Datasheet HTML 6Page - NXP Semiconductors PSMN063-150D Datasheet HTML 7Page - NXP Semiconductors PSMN063-150D Datasheet HTML 8Page - NXP Semiconductors PSMN063-150D Datasheet HTML 9Page - NXP Semiconductors PSMN063-150D Datasheet HTML 10Page - NXP Semiconductors PSMN063-150D Datasheet HTML 11Page - NXP Semiconductors PSMN063-150D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
PSMN063-150D
N-channel enhancement mode field-effect transistor
Product data
Rev. 03 — 31 October 2001
8 of 12
9397 750 08594
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °C and 175 °C; VGS =0V
ID = 30 A; VDD = 30 V and 120 V
Fig 13. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
IS
(A)
VSD (V)
0.4
0
0.8
1.2
Tj = 175
oC
Tj = 25
oC
0
10
20
30
003aaa156
0
4
8
12
VGS
(V)
0
20
40
60
QG (nC)
VDD = 30 V
VDD = 120 V
003aaa155


Similar Part No. - PSMN063-150D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN063-150D PHILIPS-PSMN063-150D Datasheet
95Kb / 9P
   N-channel TrenchMOS transistor
Rev. 03-31 October 2001
PSMN063-150D NXP-PSMN063-150D Datasheet
238Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-17 December 2009
logo
VBsemi Electronics Co.,...
PSMN063-150D VBSEMI-PSMN063-150D Datasheet
973Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PSMN063-150D NEXPERIA-PSMN063-150D Datasheet
738Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04 - 17 December 2009
More results

Similar Description - PSMN063-150D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com